Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2222A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT2222A
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT2222A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBT2222A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT2222A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT2222A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT2222A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT2222A Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Any changing of specification will not be informed individual
MMBT2222A
NPN Silicon
General Purpose Transistor
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 0.1 mAdc, VCE = 10 Vdc)
(IC = 1.0 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc, TA = –55°C)
MMBT2222A only
(IC = 150 mAdc, VCE = 10 Vdc) (3)
(IC = 150 mAdc, VCE = 1.0 Vdc) (3)
(IC = 500 mAdc, VCE = 10 Vdc) (3)
MMBT2222
MMBT2222A
hFE
35
50
75
35
100
50
30
40
—
—
—
—
300
—
—
—
—
Collector – Emitter Saturation Voltage (3)
(IC = 150 mAdc, IB = 15 mAdc)
MMBT2222
MMBT2222A
(IC = 500 mAdc, IB = 50 mAdc)
MMBT2222
MMBT2222A
VCE(sat)
—
—
—
—
0.4
0.3
1.6
1.0
Vdc
Base – Emitter Saturation Voltage (3)
(IC = 150 mAdc, IB = 15 mAdc)
MMBT2222
MMBT2222A
(IC = 500 mAdc, IB = 50 mAdc)
MMBT2222
MMBT2222A
VBE(sat)
—
0.6
—
—
1.3
1.2
2.6
2.0
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product (4)
(IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz)
MMBT2222
MMBT2222A
fT
250
300
—
—
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
—
8.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
MMBT2222
MMBT2222A
Cibo
—
—
30
25
pF
Input Impedance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MMBT2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MMBT2222A
hie
2.0
0.25
8.0
1.25
k
Ω
Voltage Feedback Ratio
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MMBT2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MMBT2222A
hre
—
—
8.0
4.0
X 10–4
Small – Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MMBT2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MMBT2222A
hfe
50
75
300
375
—
Output Admittance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MMBT2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MMBT2222A
hoe
5.0
25
35
200
mmhos
Collector Base Time Constant
(IE = 20 mAdc, VCB = 20 Vdc, f = 31.8 MHz)
MMBT2222A
rb, Cc
—
150
ps
Noise Figure
(IC = 100 mAdc, VCE = 10 Vdc, RS = 1.0 kΩ, f = 1.0 kHz)
MMBT2222A
NF
—
4.0
dB
SWITCHING CHARACTERISTICS (MMBT2222A only)
Delay Time
(VCC = 30 Vdc, VBE(off) = – 0.5 Vdc,
td
—
10
ns
Rise Time
( CC
,
BE(off)
,
IC = 150 mAdc, IB1 = 15 mAdc)
tr
—
25
ns
Storage Time
(VCC = 30 Vdc, IC = 150 mAdc,
ts
—
225
ns
Fall Time
( CC
, C
,
IB1 = IB2 = 15 mAdc)
tf
—
60
ns
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
4. fT is defined as the frequency at which |hfe| extrapolates to unity.
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com