Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2222Q Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT2222Q
Description  General Purpose Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT2222Q Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBT2222Q Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT2222Q Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT2222Q Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT2222Q Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
MMBT2222Q
NPN Silicon
General Purpose Transistor
SWITCHING TIME EQUIVALENT TEST CIRCUITS
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
Scope rise time < 4 ns
*Total shunt capacitance of test jig,
connectors, and oscilloscope.
+16 V
-2 V
< 2 ns
0
1.0 to 100 μs,
DUTY CYCLE ≈ 2.0%
1 kΩ
+30 V
200
CS* < 10 pF
+16 V
-14 V
0
< 20 ns
1.0 to 100 μs,
DUTY CYCLE ≈ 2.0%
1 k
+30 V
200
CS* < 10 pF
-4 V
1N914
1000
10
20
30
50
70
100
200
300
500
700
1.0 k
0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200 300
500 700
IC, COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain
1.0
0.8
0.6
0.4
0.2
0
0.005
0.01
0.02 0.03
0.05
0.1
0.2 0.3
0.5
1.0
2.0
3.0
5.0
10
20
30
50
IB, BASE CURRENT (mA)
Figure 4. Collector Saturation Region
TJ = 125°C
TJ = 25°C
25°C
-55°C
IC = 1.0 mA
10 mA
150 mA
500 mA
VCE = 1.0 V
VCE = 10 V
01-Jun-2002 Rev. A
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com