Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907Q Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT2907Q
Description  General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT2907Q Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MMBT2907Q Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT2907Q Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT2907Q Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Any changing of specification will not be informed individual
MMBT2907Q
PNP Silicon
General Purpose Transistor
TYPICAL SMALL– SIGNAL CHARACTERISTICS
NOISE FIGURE
VCE = 10 Vdc, TA = 25°C
Figure 7. Frequency Effects
f, Frequency (kHz)
10
0.01
Figure 8. Source Resistance Effects
Rs, Source Resistance (OHMS)
f = 1.0 kHz
IC = –50 µA
–100
µA
–500
µA
–1.0 mA
Rs = OPTIMUM SOURCE RESISTANCE
8.0
6.0
4.0
2.0
0
0.02 0.05 0.1 0.2
0.5 1.0 2.0
5.0 10
20
50
100
10
8.0
6.0
4.0
2.0
0
50
100
200
500 1.0 k
2.0 k
5.0 k 10 k
20 k
50 k
IC = –1.0 mA, Rs = 430 Ω
–500
µA, Rs = 560 Ω
–50
µA, Rs = 2.7 kΩ
–100
µA, Rs = 1.6 kΩ
Figure 9. Capacitances
Reverse Voltage (VOLTS)
30
Figure 10. Current–Gain — Bandwidth Product
IC, Collector Current (mA)
–0.1
2.0
Figure 11. “On” Voltage
IC, Collector Current (mA)
–1.0
Figure 12. Temperature Coefficients
IC, Collector Current (mA)
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = –10 V
RqVC for VCE(sat)
20
10
7.0
5.0
3.0
–0.2 –0.3 –0.5
–1.0
–2.0 –3.0 –5.0
–10
–20 –30
400
300
200
100
80
60
40
30
20
–1.0 –2.0
–5.0
–10
–20
–50
–100 –200
–500 –1000
–0.8
–0.6
–0.4
–0.2
0
–0.1 –0.2
–0.5 –1.0 –2.0 –5.0 –10 –20
–50 –100 –200
–500
+0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–0.1 –0.2
–0.5 –1.0 –2.0
–5.0 –10 –20
–50 –100 –200 –500
Ceb
Ccb
VCE = –20 V
TJ = 25°C
RqVB for VBE
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com