Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3904W Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT3904W
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT3904W Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBT3904W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT3904W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT3904W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT3904W Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT3904W Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH MMBT3904W Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Any changing of specification will not be informed individual
MMBT3904W
NPN Silicon
General Purpose Transistor
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(3)
DC Current Gain (1)
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 50 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 1.0 Vdc)
HFE
40
70
100
60
30
300
Collector–Emitter Saturation Voltage (3)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VCE(sat)
0.2
0.3
Vdc
Base–Emitter Saturation Voltage (3)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VBE(sat)
0.65
0.85
0.95
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz)
fT
300
MHz
Output Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
4.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
8.0
pF
Input Impedance
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
hie
1.0
10
k ohms
Voltage Feedback Ratio
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
hre
0.5
8.0
X 10–4
Small–Signal Current Gain
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
hfe
100
400
Output Admittance
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
hoe
1.0
40
mmhos
Noise Figure
(VCE = 5.0 Vdc, IC = 100 mAdc, RS = 1.0 k ohms, f = 1.0 kHz)
NF
5.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 3.0 Vdc, VBE = –0.5 Vdc,
td
35
ns
Rise Time
( CC
, BE
,
IC = 10 mAdc, IB1 = 1.0 mAdc)
tr
35
ns
Storage Time
(VCC = 3.0 Vdc,
ts
200
ns
Fall Time
( CC
,
IC = 10 mAdc, IB1 = IB2 = 1.0 mAdc)
tf
50
ns
3. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-200
7 Rev. B
Page
2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com