Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP117MAH Datasheet(PDF) 1 Page - Seme LAB

Part # IP117MAH
Description  0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP117MAH Datasheet(HTML) 1 Page - Seme LAB

  IP117MAH Datasheet HTML 1Page - Seme LAB IP117MAH Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Prelim. 7/00
IP117MAHVH
IP117MHVH
LM117HVH
IP117MAH
IP117MHA
LM117H00
0.5 AMP
POSITIVE ADJUSTABLE
VOLTAGE REGULATOR
VI–O
Input - Output Differential Voltage
– Standard
– HV Series
PD
Power Dissipation
TJ
Operating Junction Temperature Range
TSTG
Storage Temperature
40V
60V
Internally limited
–55 to 150°C
–65 to 150°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• Ouput Voltage Range Adjustable:
1.25 to 40V For Standard Version
1.25 to 60V For –HV Version
• 1% Output Voltage Tolerance
(–A Versions)
• 0.3% Load Regulation
• 0.01% / V Line Regulation
• Complete Series Of Protections:
• Current Limiting
• Thermal Shutdown
• SOA Control
• Also Available In Ceramic SMD1 and
LCC4 Hermetic Ceramic Surface Mount
Packages.
DESCRIPTION
The IP117M Series are three terminal positive adjustable voltage regulators capable of supplying in excess of 0.5A over a
1.25V to 60V output range. These regulators are exceptionally easy to use and require only two external resistors to set the
output voltage. In addition to improved line and load regulation, a major feature of the “A” series is the initial output voltage
tolerance, which is guaranteed to be less than 1%.
Over full operating conditions, including load, line, and power dissipation, the reference voltage is guaranteed not to vary more
than 2%. These devices exhibit current limit, thermal overload protection, and improved power device safe operating area
protection, making them essentially indestructible.
0. 89
( 0 . 035)
ma x .
12. 7 0
( 0 . 500)
mi n .
6. 1 0 ( 0. 2 40)
6. 6 0 ( 0. 2 60)
8. 89 ( 0 . 35)
9. 40 ( 0 . 37)
7. 7 5 ( 0. 3 05)
8. 5 1 ( 0. 3 35)
7. 7 5 ( 0. 3 05)
8. 5 1 ( 0. 3 35)
di a.
0. 66 ( 0 . 026)
1. 14 ( 0 . 045)
0. 71 ( 0 . 028)
0. 86 ( 0 . 034)
2. 54
( 0 . 100 )
5. 0 8 ( 0. 2 00)
ty p .
45 °

!
MECHANICAL DATA
Dimensions in mm (inches)
H Package TO39
Pin 1 = Vin
Pin 2 = ADJ.
Pin 3 =Vout


Similar Part No. - IP117MAH

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP117MAH SEME-LAB-IP117MAH Datasheet
206Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117MAHV-LCC4 SEME-LAB-IP117MAHV-LCC4 Datasheet
18Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP117MAHVE SEME-LAB-IP117MAHVE Datasheet
19Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP117MAHVE SEME-LAB-IP117MAHVE Datasheet
29Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP117MAHVE SEME-LAB-IP117MAHVE_07 Datasheet
29Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
More results

Similar Description - IP117MAH

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP117MAHV-LCC4 SEME-LAB-IP117MAHV-LCC4 Datasheet
18Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP137MAHVH SEME-LAB-IP137MAHVH Datasheet
17Kb / 2P
0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP138A SEME-LAB-IP138A Datasheet
56Kb / 6P
5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP140MA SEME-LAB-IP140MA Datasheet
32Kb / 4P
0.5 AMP POSITIVE VOLTAGE REGULATOR
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Micropac Industries
52150 MICROPAC-52150 Datasheet
114Kb / 4P
POSITIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
logo
Seme LAB
IP117MAE SEME-LAB-IP117MAE Datasheet
19Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
logo
Fairchild Semiconductor
UA78HGA FAIRCHILD-UA78HGA Datasheet
305Kb / 4P
Positive Adjustable 5-Amp Voltage Regulator
logo
KODENSHI_AUK CORP.
SN317MPI KODENSHI-SN317MPI Datasheet
376Kb / 8P
[ 0.5 A Adjustable Output ] Positive Voltage Regulator
logo
Seme LAB
IP117MAHVE SEME-LAB-IP117MAHVE_07 Datasheet
29Kb / 2P
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com