Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST15515 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FST15515
Description  Schottky PowerMod ORing Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST15515 Datasheet(HTML) 1 Page - Microsemi Corporation

  FST15515 Datasheet HTML 1Page - Microsemi Corporation FST15515 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
FST15515*
15V
Thermal and Mechanical Characteristics
15V
Storage temp range
Operating junction temp range
Max thermal resistance per leg
Max thermal resistance per pkg.
Mounting torque
15-20 inch pounds
T
T
O
O
R
R
Weight
2.5 ounces (71 grams) typical
STG
J
JC
CS
-55°C to 150°C
-55°C to 175°C
1.0°C/W
Junction to case
Case to sink
Repetitive Peak
Reverse Voltage
Reverse Voltage
Working Peak
Catalog Number
Microsemi
Schottky PowerMod 'OR'ing Rectifier
FST15515
Average forward current per leg
F(AV)
I
150 Amps
*Pulse test: Pulse width 300µsec, Duty cycle 2%
any terminal to base
V
Minimum Isolation Voltage
ISOL 1000VDC
*
*
T
I
T
T
T
T
T
V
V
I
R = 5.0V,
J = 25°C
RRM,
J = 25°C
FM = 75A:
J = 150°C
FM = 75A:
J = 25°C
f = 1 KHz, 25°C, 1µsec Square wave
8.3 ms, half sine
J = 150°C
C = 107°C
4600 pF
5 mA
0.36 Volts
0.48 Volts
2 Amps
1000 Amps
75 Amps
FM
Max peak forward voltage per leg
Max repetitive peak reverse current per leg R(OV)
I
C
I
V
I
I
J
RM
FM
FSM
F(AV)
Typical junction capacitance per leg
Max peak reverse current per leg
Max peak forward voltage per leg
Maximum surge current per leg
Average forward current per pkg
Electrical Characteristics
*Add Suffix A for Common Anode, D for Doubler
Typical thermal resistance (greased)
Junction to case
0.5°C/W
JC
R O
0.1°C/W
Common Cathode
A=Common Anode
D=Doubler
Baseplate: Nickel plated copper;
M
9 Pins eq at .150
1.200
H
L
G
F
electrically isolated
Pins: Nickel plated copper
K
Notes:
J
P
1
2
1
2
C
1
3
2
A
N 4-PLCS.
E
1
2
Square
to Lead C
Minimum Maximum Minimum Maximum Notes
12.83
12.57
0.495
C
0.506
1.010
0.052
0.195
0.130
0.260
0.510
0.400
1.510
2.410
K
3
N
P
M
L
3
G
J
H
F
E
0.240
0.175
0.032
0.040
0.490
0.990
---
0.120
1.490
2.390
25.15
0.81
4.45
1.02
37.85
3.05
6.10
12.45
---
60.71
.050
6.60
1.27
1.32
4.95
12.95
25.65
3.30
10.16
38.35
61.21
2.005
Dim. Inches
3
A
1.995
Millimeter
50.67
50.93
L
Dia
Industry
Part Number
155CMQ015
TC = 107°C
Guard Ring for Reverse Protection
Electrically isolated base
Schottky Barrier Rectifier
15V @ 75A/leg
Low Forward Voltage Drop
V
January, 2010 - Rev. 2
www.microsemi.com


Similar Part No. - FST15515

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST15515 MICROSEMI-FST15515 Datasheet
144Kb / 2P
Schottky PowerMod ORING Rectifier
More results

Similar Description - FST15515

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT20010 MICROSEMI-CPT20010 Datasheet
148Kb / 2P
Schottky ORing PowerMod
LSM315 MICROSEMI-LSM315 Datasheet
101Kb / 2P
3 AMP SCHOTTKY ORING RECTIFIER
HS12510 MICROSEMI-HS12510 Datasheet
144Kb / 2P
120 Amp Schottky ORing Rectifier
MS2015 MICROSEMI-MS2015 Datasheet
136Kb / 2P
20 Amp Schottky ORing Rectifier
FST4015 MICROSEMI-FST4015 Datasheet
140Kb / 2P
40Amp Schottky ORING Rectifier
FST4520 MICROSEMI-FST4520 Datasheet
131Kb / 2P
40Amp Schottky ORING Rectifier
FST15515 MICROSEMI-FST15515 Datasheet
144Kb / 2P
Schottky PowerMod ORING Rectifier
HS18515 MICROSEMI-HS18515 Datasheet
132Kb / 2P
180Amp Schottky ORING Rectifier
CPT20010 MICROSEMI-CPT20010_10 Datasheet
123Kb / 2P
Schottky ORing PowerMod
HS18515 MICROSEMI-HS18515_11 Datasheet
118Kb / 2P
180 Amp Schottky ORing Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com