Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST16040 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FST16040
Description  Schottky Powermod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST16040 Datasheet(HTML) 1 Page - Microsemi Corporation

  FST16040 Datasheet HTML 1Page - Microsemi Corporation FST16040 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
Microsemi
Catalog Number
FST16035*
FST16040*
FST16045*
FST16050*
Working Peak
Reverse Voltage
40V
35V
45V
50V
50V
45V
40V
35V
Reverse Voltage
Repetitive Peak
Electrical Characteristics
Thermal and Mechanical Characteristics
Storage temp range
Operating junction temp range
Maximum thermal resistance per leg
Maximum thermal resistance per pkg.
Mounting torque
T
T
O
R
Weight
Average forward current per pkg
Maximum surge current per leg
Max peak forward voltage per leg
Max peak reverse current per leg
Typical junction capacitance per leg
F(AV)
FSM
FM
RM
J
I
I
V
I
C
2.5 ounces (71 grams) typical
IR(OV)
Max repetitive peak reverse current per leg
Max peak forward voltage per leg
FM
V
160 Amps
1200 Amps
2 Amps
.58 Volts
.74 Volts
30 mA
2300 pF
C = 115°C, Square wave,
0JC = 0.5°C/W
8.3 ms, half sine
J = 175°C
f = 1 KHz, 25°C, 1µsec Square wave
FM = 80A:
J = 175°C
FM = 80A:
J = 25°C
RRM,
J = 125°C
R = 5.0V,
J = 25°C
I
V
V
T
T
T
T
T
I
T
*
*
FST16035 - FST16050
Schottky Powermod
T
V
2 mA
RM
Max peak reverse current per leg
I
RRM,
J = 25°C
R
STG
J
JC
-55°C to 175°C
-55°C to 175°C
1.0°C/W
0.5°C/W
*Pulse test: Pulse width 300µsec, Duty cycle 2%
*
0.1°C/W
CS
R O
Typical thermal resistance (greased)
JC
R O
*Add the Suffix A for Common Anode, D for Doubler
R
TC = 115°C, Square wave, 0JC = 1.0°C/W
80 Amps
IF(AV)
Average forward current per leg
15 - 20 inch pounds
Case to sink
Junction to case
Junction to case
Common Cathode
A=Common Anode
D=Doubler
Pins: Nickel plated copper
Baseplate: Nickel plated copper;
J
H
M
P
L
G
R
F
Q
D
electrically isolated
Notes:
K
2
1
1
2
E
C
A
N 4 Places
B
1
2
to Lead C
Notes
0.890
R
TO-249
3
3
0.240
K
0.490
0.445
0.035
0.175
0.330
N
Q
P
M
L
1.500
---
0.120
2.390
0.990
J
H
F
G
E
22.61
23.11
0.910
0.260
6.10
0.195
0.455
0.045
0.510
0.350
4.45
11.30
0.89
12.45
8.38
1.525
0.400
0.130
2.410
1.010
38.10
---
3.05
60.71
25.15
6.60
12.95
11.56
1.14
4.95
6.90
38.70
10.16
3.30
61.21
25.65
Dim. Inches
3
0.182
Min.
0.495
0.300
1.995
C
D
B
A
Millimeters
0.192
0.505
0.325
Max.
2.005
4.62
12.57
7.62
Min.
50.67
4.88
Max.
12.83
8.26
50.93
L
Dia.
Dia.
1
2
3
Schottky Barrier Rectifier
Reverse Energy Tested
High Surge Capacity
V RRM - 35 to 50 Volts
Guard Ring for Reverse Protection
January, 2010 - Rev. 3
www.microsemi.com


Similar Part No. - FST16040

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST16040 MCC-FST16040 Datasheet
133Kb / 3P
160 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Microsemi Corporation
FST16040 MICROSEMI-FST16040 Datasheet
153Kb / 2P
Schottky PowerMod
logo
TRANSYS Electronics Lim...
FST16040 TEL-FST16040 Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 160A
logo
List of Unclassifed Man...
FST16040 ETC2-FST16040 Datasheet
415Kb / 2P
Silicon Power Schottky Diode
logo
GeneSiC Semiconductor, ...
FST16040 GENESIC-FST16040 Datasheet
369Kb / 3P
Silicon Power Schottky Diode
More results

Similar Description - FST16040

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
SCHOTTKY POWERMOD
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
Schottky PowerMod
CPT600180 MICROSEMI-CPT600180 Datasheet
159Kb / 2P
SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com