Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906T Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT3906T
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT3906T Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBT3906T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT3906T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT3906T Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT3906T Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT3906T Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBT3906T
PNP Silicon
General Purpose Transistors
Elektronische Bauelemente
12-Apr-2010 Rev. A
Page 2 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
TEST CONDITIONS
Off Characteristics
Collector-Emitter Breakdown Voltage
(3)
V(BR)CEO
-40
-
Vdc
IC = -1.0 mAdc, IB = 0
Collector-Base Breakdown Voltage
V(BR)CBO
-40
-
Vdc
IC = -10 µAdc, IE = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5.0
-
Vdc
IE = -10 µAdc, IC = 0
Collector Cut-Off Current
IBL
-
-50
nAdc VCE = -30 Vdc, VEB = -3.0 Vdc
Emitter Cut-Off Current
ICEX
-
-50
nAdc VCE = -30 Vdc, VBE = -3.0 Vdc
On Characteristics
(3)
DC Current Gain
(1)
hFE
60
-
-
IC = -0.1 mAdc, VCE = -1.0 Vdc
80
-
IC = -1.0 mAdc, VCE = -1.0 Vdc
100
300
IC = -10 mAdc, VCE = -1.0 Vdc
60
-
IC = -50 mAdc, VCE = -1.0 Vdc
30
-
IC = -100 mAdc, VCE = -1.0 Vdc
Collector-Emitter Saturation Voltage
(3)
VCE(sat)
-
-0.25
Vdc
IC = -10 mAdc, IB = -1.0 mAdc
--0.4
IC = -50 mAdc, IB = -5.0 mAdc
Base-Emitter Saturation Voltage
(3)
VBE(sat)
-0.65
-0.85
Vdc
IC = -10 mAdc, IB = -1.0 mAdc
-
-0.95
IC = -50 mAdc, IB = -5.0 mAdc
Small-Signal Characteristics
Curren-Gain-Bandwidth Product
fT
250
-
MHz
VCE = -20 Vdc, IC = -10 mAdc,
f = 100 MHz
Output Capacitance
Cobo
-4.5
pF
VCB = -5.0 Vdc, IE = 0, f = 1.0 MHz
Input Capacitance
Cibo
-10
pF
VBE = -0.5 Vdc, IE = 0, f = 1.0 MHz
Input Impedancen
hie
2.0
12
pF
VCE = -10 Vdc, IC = -1.0 mAdc, f = 1.0
kHz
Voltage Feedback Ratio
hre
0.1
10
X10
-4
VCE = -10 Vdc, IC = -1.0 mAdc, f = 1.0
kHz
Small-Signal Current Gain
hfe
100
400
-
VCE = -10 Vdc, IC = -1.0 mAdc, f = 1.0
kHz
Output Admittance
*hoe
3.0
60
µmhos VCE = -10 Vdc, IC = -1.0 mAdc, f = 1.0
kHz
Noise Figure
NF
-
4.0
dB
VCE = -5.0 Vdc, IC = -100 µAdc,
RS = 1.0k f = 1.0 kHz
Switching Characteristics
Delay Time
Td
-
35
nS
VCC = -3.0 Vdc, VBE = 0.5 Vdc, IC = -10
mAdc, IB1 = -1.0 mAdc
Rise Time
Tr
-
35
nS
Storage Time
TS
-
225
nS
VCC = -3.0 Vdc, IC = -10 mAdc,
IB1 = IB2 = -1.0 mAdc
Fall Time
TF
-
75
nS
3.
Pulse Test:Pulse Width ≦ 300 μs, Duty Cycle≦ 2.0%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com