Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906W Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT3906W
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT3906W Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBT3906W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT3906W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT3906W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT3906W Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT3906W Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Any changing of specification will not be informed individual
MMBT3906W
PNP Silicon
General Purpose Transistor
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(3)
DC Current Gain
(IC = –0.1 mAdc, VCE = –1.0 Vdc)
(IC = –1.0 mAdc, VCE = –1.0 Vdc)
(IC = –10 mAdc, VCE = –1.0 Vdc)
(IC = –50 mAdc, VCE = –1.0 Vdc)
(IC = –100 mAdc, VCE = –1.0 Vdc)
HFE
60
80
100
60
30
—
—
300
—
—
—
Collector–Emitter Saturation Voltage
(IC = –10 mAdc, IB = –1.0 mAdc)
(IC = –50 mAdc, IB = –5.0 mAdc)
VCE(sat)
—
—
–0.25
–0.4
Vdc
Base–Emitter Saturation Voltage
(IC = –10 mAdc, IB = –1.0 mAdc)
(IC = –50 mAdc, IB = –5.0 mAdc)
VBE(sat)
–0.65
—
–0.85
–0.95
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = –10 mAdc, VCE = –20 Vdc, f = 100 MHz)
fT
250
—
MHz
Output Capacitance
(VCB = –5.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
—
4.5
pF
Input Capacitance
(VEB = –0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
—
10
pF
Input Impedance
(IC = –1.0 mAdc, VCE = –10 Vdc, f = 1.0 kHz)
hie
2.0
12
kΩ
Voltage Feedback Ratio
(IC = –1.0 mAdc, VCE = –10 Vdc, f = 1.0 kHz)
hre
0.1
10
X 10–4
Small–Signal Current Gain
(IC = –1.0 mAdc, VCE = –10 Vdc, f = 1.0 kHz)
hfe
100
400
—
Output Admittance
(IC = –1.0 mAdc, VCE = –10 Vdc, f = 1.0 kHz)
hoe
3.0
60
mmhos
Noise Figure
(IC = –100 mAdc, VCE = –5.0 Vdc, RS = 1.0 kΩ, f = 1.0 kHz)
NF
—
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = –3.0 Vdc, VBE = 0.5 Vdc,
IC = –10 mAdc, IB1 = –1.0 mAdc)
td
—
35
ns
Rise Time
(VCC = –3.0 Vdc, VBE = 0.5 Vdc,
IC = –10 mAdc, IB1 = –1.0 mAdc)
tr
—
35
ns
Storage Time
(VCC = –3.0 Vdc, IC = –10 mAdc,
IB1 = IB2 = –1.0 mAdc)
ts
—
225
ns
Fall Time
(VCC = –3.0 Vdc, IC = –10 mAdc,
IB1 = IB2 = –1.0 mAdc)
tf
—
75
ns
3. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.
Figure 1. Delay and Rise Time
Equivalent Test Circuit
Figure 2. Storage and Fall Time
Equivalent Test Circuit
3 V
275
10 k
1N916
CS < 4 pF*
3 V
275
10 k
CS < 4 pF*
< 1 ns
+0.5 V
10.6 V
300 ns
Duty Cycle = 2%
< 1 ns
+9.1 V
10.9 V
Duty Cycle = 2%
t1
0
10 < t1 < 500 ms
* Total shunt capacitance of test jig and connectors
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2004 Rev. B
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com