Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP120 Datasheet(PDF) 4 Page - Seme LAB

Part # IP120
Description  1.5 AMP NEGATIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP120 Datasheet(HTML) 4 Page - Seme LAB

  IP120 Datasheet HTML 1Page - Seme LAB IP120 Datasheet HTML 2Page - Seme LAB IP120 Datasheet HTML 3Page - Seme LAB IP120 Datasheet HTML 4Page - Seme LAB IP120 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IP120A SERIES
IP120
SERIES
IP7900A SERIES
IP7900
SERIES
LM120
SERIES
Prelim. 2/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
IP7915A
IP7915 , IP120–15
IP120A–15
LM120–15
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
VO
Output Voltage
VO
Low Supply
DVO
Line Regulation
DVO
Load Regulation
IQ
Quiescent Current
DIQ
Quiescent Current
Change
VN
Output Noise
Voltage
DVIN
Ripple Rejection
DVO
Dropout Voltage
RO
Output Resistance
Isc
Short Circuit
Current
Ipk
Peak Output
Current
Average Temperature
Coefficient of VO
Input Voltage required to
maintain line regulation
IO = 500mA
VIN = -23V
VIN = -17.9V to -30V PD £ PMAX
IO = 5mA to IMAX
TJ = -55 to 150°C
IO = 5mA to IMAX
PD £ PMAX
VIN = -17.5V to -30V
VIN = -17.5V to -30V
IO = 0.5 IMAX
VIN = -17.9V to -30V
TJ = -55 to 150°C
IO £ IMAX
VIN = -20V to -26V TJ = -55 to 150°C
IO = 5mA to 1.5A
VIN = -23V
IO = 250mA to 750mA
VIN = -23V
IO = 5mA to IMAX
TJ = -55 to 150°C
IO £ 0.5 IMAX
VIN = -23V
TJ = -55 to 150°C
IO = 5mA to IMAX
VIN = -23V
TJ = -55 to 150°C
VIN = -17.5V to -30V
IO £ 0.5 IMAX
VIN = -18.5V to -30V
TJ = -55 to 150°C
f = 10Hz to 100kHz
VIN = -23V
f = 120Hz
IO £ IMAX
VIN = -18.5V to
IO £ 0.5 IMAX
-28.5V
TJ = -55 to 150°C
IO = IMAX
f = 1 kHz
VIN = -35V
VIN = -23V
IO = 5mA
IO £ IMAX
-14.85
-15
-15.15
-14.55
-15.45
-14.25
-15.45
422
422
210
530
12
35
421
975
1
1.9
12
0.2
0.4
0.2
0.5
0.1
0.4
0.1
0.5
90
1200
56
70
56
70
1.1
2.3
9
0.6
1.2
2.4
3.3
0.6
6
-17.5
V
V
mV
mV
mA
mA
mV
dB
V
m
W
A
mV
°C
V
-14.7
-15
-15.3
-14.4
-15.6
-14.25
-15.75
4
150
4
250
275
5
150
12
80
475
9
150
1
1.9
12
0.2
0.4
0.2
0.5
0.1
0.4
0.1
1.0
90
1200
54
70
54
70
1.1
2.3
9
0.6
1.2
2.4
3.3
0.6
6
-17.5
1) All characteristics are measured with a capacitor across the input of 0.22
mF and a capacitor across the output of 0.1mF.
All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tp £ 10ms, d£ 5%). Output
voltage changes due to changes in internal temperature must be taken into account separately.
2) Test Conditions unless otherwise stated: PMAX = 10W for TO–220SM , PMAX = 1W for Cerdip, PMAX = 20W for all other package
devices
IMAX = 1.0A , TJ = 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com