Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT4403W Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT4403W
Description  Switching Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT4403W Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBT4403W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT4403W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT4403W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMBT4403W Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MMBT4403W Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Any changing of specification will not be informed individual
MMBT4403W
PNP Silicon
Switching Transistor
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = –0.1 mAdc, VCE = –1.0 Vdc)
(IC = –1.0 mAdc, VCE = –1.0 Vdc)
(IC = –10 mAdc, VCE = –1.0 Vdc)
(IC = –150 mAdc, VCE = –2.0 Vdc)(3)
(IC = –500 mAdc, VCE = –2.0 Vdc)(3)
hFE
30
60
100
100
20
—
—
—
300
—
—
Collector – Emitter Saturation Voltage(3)
(IC = –150 mAdc, IB = –15 mAdc)
(IC = –500 mAdc, IB = –50 mAdc)
VCE(sat)
—
—
–0.4
–0.75
Vdc
Base – Emitter Saturation Voltage (3)
(IC = –150 mAdc, IB = –15 mAdc)
(IC = –500 mAdc, IB = –50 mAdc)
VBE(sat)
–0.75
—
–0.95
–1.3
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = –20 mAdc, VCE = –10 Vdc, f = 100 MHz)
fT
200
—
MHz
Collector–Base Capacitance
(VCB = –10 Vdc, IE = 0, f = 1.0 MHz)
Ccb
—
8.5
pF
Emitter–Base Capacitance
(VBE = –0.5 Vdc, IC = 0, f = 1.0 MHz)
Ceb
—
30
pF
Input Impedance
(IC = –1.0 mAdc, VCE = –10 Vdc, f = 1.0 kHz)
hie
1.5
15
k
Ω
Voltage Feedback Ratio
(IC = –1.0 mAdc, VCE = –10 Vdc, f = 1.0 kHz)
hre
0.1
8.0
X 10–4
Small – Signal Current Gain
(IC = –1.0 mAdc, VCE = –10 Vdc, f = 1.0 kHz)
hfe
60
500
—
Output Admittance
(IC = –1.0 mAdc, VCE = –10 Vdc, f = 1.0 kHz)
hoe
1.0
100
mmhos
SWITCHING CHARACTERISTICS
Delay Time
(VCC = –30 Vdc, VEB = –2.0 Vdc,
td
—
15
ns
Rise Time
( CC
,
EB
,
IC = –150 mAdc, IB1 = –15 mAdc)
tr
—
20
ns
Storage Time
(VCC = –30 Vdc, IC = –150 mAdc,
ts
—
225
ns
Fall Time
( CC
, C
,
IB1 = IB2 = –15 mAdc)
tf
—
30
ns
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUIT
Scope rise time < 4.0 ns
*Total shunt capacitance of test jig connectors, and oscilloscope
+2 V
– 16 V
10 to 100
µs,
DUTY CYCLE = 2%
0
1.0 k
Ω
– 30 V
200
Ω
CS* < 10 pF
1.0 k
Ω
– 30 V
200
Ω
CS* < 10 pF
+ 4.0 V
< 2 ns
1.0 to 100
µs,
DUTY CYCLE = 2%
< 20 ns
+14 V
0
–16 V
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com