Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST17145 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FST17145
Description  Schottky PowerMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST17145 Datasheet(HTML) 1 Page - Microsemi Corporation

  FST17145 Datasheet HTML 1Page - Microsemi Corporation FST17145 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
FST17140*
FST17145*
FST17150*
50V
45V
40V
Thermal and Mechanical Characteristics
Dim. Inches
Millimeters
A
B
C
E
F
G
H
J
K
L
M
N
P
R
50.67
7.62
12.57
25.15
60.71
3.05
6.10
8.38
4.45
0.89
50.93
8.26
12.83
25.65
61.21
3.30
6.60
8.90
4.95
1.14
1.995
0.300
0.495
0.990
2.390
0.120
0.240
0.330
0.175
0.035
2.005
0.325
0.505
1.010
2.410
0.130
0.260
0.350
0.195
0.045
Dia.
Dia.
---
---
Min.
Max.
Min.
Max. Notes
0.400
10.16
to Lead C
40V
45V
50V
K
0.910
0.890
23.11
22.61
0.510
0.490
12.95
12.45
1.510
1.490
38.35
37.85
D
4.62
0.182
0.192
4.88
L
Storage temp range
Operating junction temp range
Max thermal resistance per pkg.
Mounting torque
15-20 inch pounds
T
T
O
O
R
R
Weight
2.5 ounces (71 grams) typical
STG
J
JC
CS
-55°C to 175°C
-55°C to 175°C
0.85°C/W
Junction to case
Case to sink
Repetitive Peak
Reverse Voltage
Reverse Voltage
Working Peak
Catalog Number
Microsemi
Schottky PowerMod
FST17140 - FST17150
Average forward current per leg
F(AV)
I
85 Amps
C = 115°C, Square wave,
0JC = 0.85°C/W
T
R
*
*Pulse test: Pulse width 300µsec, Duty cycle 2%
R
RRM,
J = 25°C
I
Max peak reverse current per leg
RM
2 mA
V
T
*
*
T
I
T
T
T
T
T
V
V
I
R = 5.0V,
J = 25°C
RRM,
J = 125°C
FM = 80A:
J = 25°C
FM = 80A:
J = 175°C
f = 1 KHz, 25°C, 1µsec Square wave
8.3 ms, half sine
J = 175°C
C = 120°C, Square wave,
0JC = 0.425°C/W
2300 pF
60 mA
.74 Volts
.58 Volts
2 Amps
1200 Amps
170 Amps
VFM
Max peak forward voltage per leg
Max repetitive peak reverse current per leg R(OV)
I
C
I
V
I
I
J
RM
FM
FSM
F(AV)
Typical junction capacitance per leg
Max peak reverse current per leg
Max peak forward voltage per leg
Maximum surge current per leg
Average forward current per pkg
Electrical Characteristics
*Add Suffix A for Common Anode, D for Doubler
Typical thermal resistance (greased)
Junction to case
0.425°C/W
JC
R O
0.1°C/W
Notes:
Baseplate: Nickel plated copper
Pins: Nickel plated copper
D=Doubler
A=Common Anode
Common Cathode
1
2
1
2
1
2
3
3
3
H
F
R
G
P
M
L
J
D
B
A
C
1
3
E
N 4 Places
Max thermal resistance per leg
High Surge Capacity
Reverse Energy Tested
Schottky Barrier Rectifier
V RRM - 40 to 50 Volts
Guard Ring for Reverse Protection
January, 2010 - Rev. 2
www.microsemi.com


Similar Part No. - FST17145

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST17145 MICROSEMI-FST17145 Datasheet
148Kb / 2P
Schottky PowerMod
More results

Similar Description - FST17145

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
SCHOTTKY POWERMOD
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
Schottky PowerMod
CPT600180 MICROSEMI-CPT600180 Datasheet
159Kb / 2P
SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com