Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT5401 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBT5401
Description  General PurposeTransistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBT5401 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MMBT5401 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBT5401 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMBT5401 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
MMBT5401
PNP Silicon
General PurposeTransistor
01-June-2002 Rev. A
Page 1 of 3
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
FEATURES
Ideal for medium power amplification and switching
MARKING
2L
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol Ratings
Unit
Collector to Emitter Voltage
VCEO
-150
V
Collector to Base Voltage
VCBO
-160
V
Emitter to Base Voltage
VEBO
-5.0
V
Collector Current - Continuous
IC
-500
mA
THERMAL CHARACTERISTICS
Parameter
Symbol
Ratings
Unit
Total Power Dissipation
TA = 25°C
Derate above 25°C
PD
225
1.8
mW
mW / ℃
Thermal Resistance, Junction to Ambient
RθJA
556
℃ / W
Total Power Dissipation
Alumina Substrate,
(2) T
A = 25°C
Derate above 25°C
PD
300
2.4
mW
mW / ℃
Thermal Resistance, Junction to Ambient
RθJA
417
℃ / W
Junction, Storage Temperature
TJ, TSTG
-55 ~ +150
℃
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Test Conditions
Symbol
Min.
Max.
Unit
Off Characteristics
Collector–Emitter Breakdown Voltage
IC = -1.0 mA, IB = 0
BVCEO
-150
-
V
Collector–Base Breakdown Voltage
IC = -100 μA, IE = 0
BVCBO
-160
-
V
Emitter–Base Breakdown Voltage
IE = -10 μA, IC = 0
BVEBO
-5.0
-
V
Collector Cutoff Current
VCB = -120 V, IE = 0
VCB = -120 V, IE = 0, TA = 100°C
ICES
-
-100
-100
nA
μA
On Characteristics
DC Current Gain
IC = –1.0 mA, VCE = –5.0 V
IC = –10 mA, VCE = –5.0 V
IC = –50 mA, VCE = –5.0 V
hFE
80
100
50
-
200
-
-
Collector–Emitter Saturation Voltage
IC = –10 mA, IB = –1.0 mA
IC = –50 mA, IB = –5.0 mA
VCE(sat)
-
-0.2
-0.5
V
Base–Emitter Saturation Voltage
IC = –10 mA, IB = –1.0 mA
IC = –50 mA, IB = –5.0 mA
VBE(sat)
-
-1.0
-1.0
V
Small Signal Characteristics
Current-Gain - Bandwidth Product
IC =-10 mA, VCE = -10 V, f = 100 MHz
fT
100
-
MHz
Output Capacitance
VCB = -10 V, IE = 0, f = 1.0 MHz
COBO
-
6.0
pF
Small Signal Current Gain
IC = -1.0 mA, VCE =-10 V, f = 1.0 kHz
hFE
50
200
-
Noise Figure
IC = –200 μA, VCE = –5.0 V, RS = 10 Ω, f = 1.0 kHz
NF
-
8.0
dB
Note:
1. FR-5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.00
G
0.10 REF.
B
2.25
2.55
H
0.55 REF.
C
1.20
1.40
J
0.08
0.15
D
0.90
1.15
K
0.5 REF.
E
1.80
2.00
L
0.95 TYP.
F
0.30
0.50


Similar Part No. - MMBT5401

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT5401 TRSYS-MMBT5401 Datasheet
171Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5401 ZOWIE-MMBT5401 Datasheet
83Kb / 4P
HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
Fairchild Semiconductor
MMBT5401 FAIRCHILD-MMBT5401 Datasheet
109Kb / 4P
PNP General Purpose Amplifier
logo
Diodes Incorporated
MMBT5401 DIODES-MMBT5401 Datasheet
47Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30057 Rev. 3 - 2
logo
Fairchild Semiconductor
MMBT5401 FAIRCHILD-MMBT5401 Datasheet
67Kb / 6P
PNP General Purpose Amplifier
More results

Similar Description - MMBT5401

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGL5N150UF FAIRCHILD-SGL5N150UF Datasheet
291Kb / 6P
General Description
SGS5N150UF FAIRCHILD-SGS5N150UF Datasheet
289Kb / 6P
General Description
logo
AVX Corporation
08055C AVX-08055C Datasheet
338Kb / 20P
General Specifications
logo
SeCoS Halbleitertechnol...
BC327 SECOS-BC327 Datasheet
110Kb / 3P
PNP General PurposeTransistor
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
AVX Corporation
0603YG104ZAT2A AVX-0603YG104ZAT2A Datasheet
72Kb / 3P
General Specifications
04025A221JAT2A AVX-04025A221JAT2A Datasheet
134Kb / 4P
General Specifications
logo
SeCoS Halbleitertechnol...
MMBT5401 SECOS-MMBT5401_15 Datasheet
117Kb / 3P
General PurposeTransistor
logo
AiT Semiconductor Inc.
2SC5658QM AITSEMI-2SC5658QM Datasheet
564Kb / 6P
GENERAL PURPOSE TRANSISTORS NPN SILICON GENERAL
REV1.0
logo
Molex Electronics Ltd.
0190270001 MOLEX-0190270001 Datasheet
37Kb / 2P
General
03/01/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com