Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST19040 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FST19040
Description  Low Vf Schottky Powermod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST19040 Datasheet(HTML) 1 Page - Microsemi Corporation

  FST19040 Datasheet HTML 1Page - Microsemi Corporation FST19040 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*Add the Suffix A for Common Anode, D for Doubler
ROHS Compliant
O
R
Storage temp range
Operating junction temp range
T
T
Electrical Characteristics
Thermal and Mechanical Characteristics
Average Forward Current
Maximum Surge Current
Max. Peak Forward Voltage
F(AV)
FSM
FM
RM
RM
I
V
I
I
I
I
T
V
Max thermal resistance
Weight
F(AV)
I
Average Forward Current
J
Typical Junction Capacitance per leg
C
C
8.3ms, half sine,T
= 175°C
I
RRM,
J = 125°C
RRM,
J = 25°C
V
R = 5.0V,
J = 25°C
T
T
T
T
V
15-20 inch pounds
per leg
Max thermal resistance per pkg.
Low Vf Schottky Powermod
200 Amps
100 Amps
per pkg.
per leg
per leg
per leg
per leg
Max. Peak Forward Voltage
J
1500 Amps
.55 Volts
FM
V
.70 Volts
100 mA
T
= 136°C, Square wave,
0JC = 0.7°C/W
T
= 136°C, Square wave,
0JC = 0.35°C/W
FM = 100A: J = 175°C
FM = 100A, J = 25°C
R
R
4 mA
C 4800 pF
Max. Peak Reverse Current per leg
Max. Peak Reverse Current per leg
STG
J
JC
0.7°C/W
0.35°C/W
-55°C to 175°C
-55°C to 175°C
JC
O
R
Mounting Torque
2.3 ounces (58.5 grams) typical
*Pulse test: Pulse width 300µsec, Duty cycle 2%
*
*
*
FST19035 - FST19050
35V
35V
FST19035*
40V
Voltage
Peak Reverse
Working Peak
Repetitive Peak
Peak Reverse
Voltage
40V
FST19040*
Number
Catalog
Microsemi
FST19045*
FST19050*
45V
50V
45V
50V
Typical thermal resistance (greased)
JC
0.1°C/W
Case to sink
O
R
Junction to case
Pins: Nickel plated copper
D=Doubler
A=Common Anode
Common Cathode
H
F
R
G
P
M
L
Q
J
D
Baseplate: Nickel plated copper;
electrically isolated
Notes:
K
1
2
1
2
B
2
A
C
1
3
E
N 4 Places
1
2
Dia.
Dia.
Notes
to Lead C
1.010
2.410
0.130
0.400
1.525
0.350
0.510
0.045
0.455
0.195
0.260
0.910
R 0.890
TO-249
3
3
K 0.240
0.330
0.035
0.445
0.490
N 0.175
Q
P
M
L
0.990
2.390
G 1.500
0.120
---
J
H
F
E
23.11
22.61
6.10
12.45
11.30
4.45
0.89
8.38
25.15
60.71
---
38.10
3.05
6.60
6.90
4.95
1.14
11.56
12.95
25.65
61.21
3.30
10.16
38.70
2.005
Max.
0.325
0.505
0.192
Dim. Inches
3
0.300
0.495
0.182
C
D
B
1.995
Min.
A
Millimeters
50.67
12.57
7.62
4.62
Min.
50.93
8.26
12.83
Max.
4.88
L
Schottky Barrier Rectifier
Electrically Isolated Base
Reverse Energy Tested
RRM 35 to 50 Volts
Guard Ring Protection
Low Forward Voltage
V
January, 2010 - Rev. 3
www.microsemi.com


Similar Part No. - FST19040

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST19040 MICROSEMI-FST19040 Datasheet
148Kb / 2P
Low Vf Schottky PowerMod
More results

Similar Description - FST19040

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
Schottky PowerMod
FST19035 MICROSEMI-FST19035 Datasheet
148Kb / 2P
Low Vf Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
SCHOTTKY POWERMOD
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
Schottky PowerMod
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com