Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST19240 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FST19240
Description  Schottky Powermod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST19240 Datasheet(HTML) 1 Page - Microsemi Corporation

  FST19240 Datasheet HTML 1Page - Microsemi Corporation FST19240 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
100 Amps
200 Amps
0.52 Volts
0.40 Volts
Thermal and Mechanical Characteristics
*Pulse test: Pulse width 300µsec, Duty cycle 2%
1500 Amps
Electrical Characteristics
FST19235 - FST19245
Schottky Powermod
O
R JC
Max thermal resistance per pkg.
Typical thermal resistance (greased)
Mounting Torque
Weight
CS
RO
per leg
Operating junction temp range
Max. Peak Reverse Current per leg
Max. Peak Reverse Current per leg
per leg
per leg
per pkg.
Typical Junction Capacitance per leg
Max thermal resistance
Storage temp range
Max. Peak Forward Voltage
Average Forward Current
Max. Peak Forward Voltage
Maximum Surge Current
Average Forward Current
10 mA
I RM
TSTG
JC
RO
J
T
C 5500 pF
J
V
V
per leg
per leg
I
2A
RM
FM
I
FM
F(AV)
FSM
F(AV)
I
I
Working Peak
Reverse Voltage
35V
45V
40V
Microsemi Catalog
Number
FST19245*
FST19240*
FST19235*
Reverse Voltage
Repetitive Peak
40V
45V
35V
T
= 86°C, Square wave,
0JC = 0.35°C/W
0.35°C/W
Junction to case
2.3 ounces (58.5 grams) typical
15-20 inch pounds
0.1°C/W
Case to sink
T
= 86°C, Square wave,
0JC = 0.7°C/W
Junction to case
FM = 100A: J = 150°C
8.3ms, half sine,T
= 150°C
FM = 100A, J = 25°C
R = 5.0V,
J = 25°C
RRM,
J = 25°C
RRM,
J = 125°C
T
V
0.7°C/W
-55°C to 150°C
-55°C to 150°C
V
T
I
I
V
C
C
T
T
T
R
*
J
*
*
R
Common Cathode
A=Common Anode
D=Doubler
Pins: Nickel plated copper
Baseplate: Nickel plated copper;
J
H
M
P
L
G
R
F
Q
D
electrically isolated
Notes:
K
2
1
1
2
E
C
A
N 4 Places
B
1
2
to Lead C
Notes
0.890
R
TO-249
3
3
0.240
K
0.490
0.445
0.035
0.175
0.330
N
Q
P
M
L
1.500
---
0.120
2.390
0.990
J
H
F
G
E
22.61
23.11
0.910
0.260
6.10
0.195
0.455
0.045
0.510
0.350
4.45
11.30
0.89
12.45
8.38
1.525
0.400
0.130
2.410
1.010
38.10
---
3.05
60.71
25.15
6.60
12.95
11.56
1.14
4.95
6.90
38.70
10.16
3.30
61.21
25.65
Dim. Inches
3
0.182
Min.
0.495
0.300
1.995
C
D
B
A
Millimeters
0.192
0.505
0.325
Max.
2.005
4.62
12.57
7.62
Min.
50.67
4.88
Max.
12.83
8.26
50.93
L
Dia.
Dia.
*Add the Suffix A for Common Anode, D for Doubler
1
2
3
Guard Ring Protection
VRRM 35 to 45 Volts
Reverse Energy Tested
Schottky Barrier Rectifier
Low Forward Voltage
Electrically Isolated Base
January, 2010 - Rev. 2
www.microsemi.com


Similar Part No. - FST19240

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST19240 MICROSEMI-FST19240 Datasheet
151Kb / 2P
Schottky PowerMod
More results

Similar Description - FST19240

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
SCHOTTKY POWERMOD
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
Schottky PowerMod
CPT600180 MICROSEMI-CPT600180 Datasheet
159Kb / 2P
SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com