Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST19330 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FST19330
Description  Schottky Powermod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST19330 Datasheet(HTML) 1 Page - Microsemi Corporation

  FST19330_10 Datasheet HTML 1Page - Microsemi Corporation FST19330_10 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
Schottky Powermod
FST19330 - FST19345
Electrical Characteristics
1500 Amps
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Thermal and Mechanical Characteristics
300 Amps
150 Amps
0.40 Volts
0.52 Volts
Max thermal resistance per pkg.
JC
RO
Weight
Mounting Torque
Typical thermal resistance (greased)
CS
RO
Typical Junction Capacitance per leg
per pkg.
per leg
per leg
Max. Peak Reverse Current per leg
Max. Peak Reverse Current per leg
Operating junction temp range
per leg
Storage temp range
Max thermal resistance
Average Forward Current
Maximum Surge Current
Max. Peak Forward Voltage
Average Forward Current
Max. Peak Forward Voltage
RM
I
10 mA
STG
T
JC
RO
J
T
C 5500 pF
J
V
V
per leg
per leg
I
2A
RM
FM
I
FM
F(AV)
FSM
F(AV)
I
I
Working Peak
Reverse Voltage
30V
35V
45V
40V
Microsemi Catalog
Number
FST19345*
FST19340*
FST19335*
FST19330*
Reverse Voltage
Repetitive Peak
35V
40V
45V
30V
T
= 85°C, Square wave,
0JC = 0.25°C/W
Junction to case
0.25°C/W
0.1°C/W
Case to sink
15-20 inch pounds
2.3 ounces (58.5 grams) typical
RRM,
J = 125°C
RRM,
J = 25°C
R = 5.0V,
J = 25°C
FM = 100A, J = 25°C
T
= 85°C, Square wave,
0JC = 0.5°C/W
8.3ms, half sine,T
= 150°C
FM = 100A: J = 150°C
Junction to case
V
T
0.5°C/W
-55°C to 150°C
-55°C to 150°C
V
T
I
I
V
C
C
T
T
T
R
*
J
*
*
R
Common Cathode
A=Common Anode
D=Doubler
Baseplate: Nickel plated copper;
M
9 Pins eq at .150
1.200
H
L
G
F
electrically isolated
Pins: Nickel plated copper
K
Notes:
J
P
1
2
1
2
C
1
3
2
A
N 4-PLCS.
E
1
2
Square
to Lead C
Minimum Maximum Minimum Maximum Notes
12.83
12.57
0.495
C
0.506
1.010
0.052
0.195
0.130
0.260
0.510
0.400
1.510
2.410
K
3
N
P
M
L
3
G
J
H
F
E
0.240
0.175
0.032
0.040
0.490
0.990
---
0.120
1.490
2.390
25.15
0.81
4.45
1.02
37.85
3.05
6.10
12.45
---
60.71
.050
6.60
1.27
1.32
4.95
12.95
25.65
3.30
10.16
38.35
61.21
2.005
Dim. Inches
3
A
1.995
Millimeter
50.67
50.93
L
Dia
*Add the Suffix A for Common Anode, D for Doubler
RRM 30 to 45 Volts
V
Hot Base
Low Forward Voltage
Guard Ring Protection
Schottky Barrier Rectifier
Reverse Energy Tested
January, 2010 - Rev. 3
www.microsemi.com


Similar Part No. - FST19330_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST19330 MICROSEMI-FST19330 Datasheet
148Kb / 2P
Schottky PowerMod
More results

Similar Description - FST19330_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
SCHOTTKY POWERMOD
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
Schottky PowerMod
CPT600180 MICROSEMI-CPT600180 Datasheet
159Kb / 2P
SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com