Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA42 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTA42
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTA42 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBTA42 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBTA42 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
MMBTA42
NPN Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
MMBTA42
Figure 1. DC Current Gain
VR, REVERSE VOLTAGE (VOLTS)
0.1
100
0.1
10
1.0
10
1000
Ceb @ 1MHz
Figure 2. Capacitance
IC, COLLECTOR CURRENT (mA)
100
70
50
30
20
10
7.0
5.0
3.0
2.0
80
70
50
30
20
10
TJ = 25°C
VCE = 20 V
f = 20 MHz
1.0
IC, COLLECTOR CURRENT (mA)
Figure 3. Current−Gain − Bandwidth
1.4
0.0
1.2
1.0
0.8
0.6
0.4
0.2
100
10
0.1
1.0
100
1.0
Ccb @ 1MHz
60
40
VBE(on) @ 25°C, VCE = 10 V
VCE(sat) @ 25°C, IC/IB = 10
VBE(sat) @ 25°C, IC/IB = 10
VCE(sat) @ 125°C, IC/IB = 10
VCE(sat) @ −55°C, IC/IB = 10
VBE(sat) @ 125°C, IC/IB = 10
VBE(sat) @ −55°C, IC/IB = 10
VBE(on) @ 125°C, VCE = 10 V
VBE(on) @ −55°C, VCE = 10 V
Figure 4. “ON” Voltages
IC, COLLECTOR CURRENT (mA)
120
0.1
1.0
10
100
80
60
0
TJ = +125°C
25°C
−55°C
VCE = 10 Vdc
100
20
40
01-June-2004 Rev. B
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com