Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST20050 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # FST20050
Description  Schottky PowerMod
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FST20050 Datasheet(HTML) 1 Page - Microsemi Corporation

  FST20050 Datasheet HTML 1Page - Microsemi Corporation FST20050 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
Microsemi
Catalog Number
FST20040*
FST20045*
FST20050*
50V
45V
40V
Reverse Voltage
Repetitive Peak
Schottky Barrier Rectifier
Guard Ring Protection
Electrical Characteristics
Average forward current per pkg
Average forward current per leg
Maximum surge current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Max peak reverse current per leg
Max peak reverse current per leg
F(AV)
F(AV)
FSM
FM
FM
RM
RM
I
I
I
V
V
I
I
T
T
V
I
I
T
T
T
T
T
Thermal and Mechanical Characteristics
200 Amperes/35 to 50 Volts
Storage temp range
Operating junction temp range
Max thermal resistance per leg
Typical thermal resistance (greased)
Terminal Torque
35-50 inch pounds
T
T
O
O
R
R
30-40 inch pounds
Mounting Base Torque
Case to sink
Working Peak
Reverse Voltage
40V
45V
50V
*Add Suffix A for Common Anode, D for Doubler
Reverse Energy Tested
Typical junction capacitance per leg
J
C
V
T
Maximum repetitive reverse current per leg R(OV)
I
*Pulse test: Pulse width 300µsec, Duty cycle 2%
FST20035*
35V
35V
Weight
3.4 ounces (95 grams) typical
Schottky PowerMod
FST20035 - FST20050
175 C Junction Temperature
C = 143°C, Square wave,
0JC = 0.25°C/W
C = 143°C, Square wave,
0JC = 0.50°C/W
8.3ms, half sine, J = 175°C
f = 1 KHZ, 25°C, 1µsec square wave
FM = 200A: J = 25°C*
FM = 200A: J = 175°C*
RRM, J = 125°C*
RRM, J = 25°C
R = 5.0V, C = 25°C
V
-55°C to 175°C
-55°C to 175°C
STG
J
JC
CS
Junction to case
0.08°C/W
0.05°C/W
4600 pF
4.0 mA
75 mA
0.60 Volts
0.80 Volts
2 Amps
2000 Amps
100 Amps
200 Amps
Captive Lockwasher
1/4-20UNC with
E
0.625
---
15.88
---
D
17.78
0.700
7.670
7.140
0.300
0.280
A
B
F
C
D
G
Baseplate
Common Cathode
Baseplate
A=Common Anode
Baseplate
D=Doubler
Notes:
Baseplate: Nickel plated
copper
Dim. Inches
Millimeters
A
B
C
E
F
G
---
34.29
79.76
---
62.23
35.56
20.32
80.26
92.71
---
1.350
3.140
---
2.450
1.400
0.800
3.160
3.650
Dia.
Min.
Max.
Min.
Max. Notes
R
R
TO-244AB
Max thermal resistance per pkg
JC
RO
0.25°C/W
Junction to case
January, 2010 - Rev. 4
www.microsemi.com


Similar Part No. - FST20050

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST20050 MICROSEMI-FST20050 Datasheet
143Kb / 2P
Schottky PowerMod
More results

Similar Description - FST20050

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
SCHOTTKY POWERMOD
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
Schottky PowerMod
CPT600180 MICROSEMI-CPT600180 Datasheet
159Kb / 2P
SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com