Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA92 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MMBTA92
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMBTA92 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MMBTA92 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMBTA92 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
MMBTA92
PNP Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
MMBTA92
Figure 1. DC Current Gain
Figure 2. Capacitance
IC, COLLECTOR CURRENT (mA)
150
90
70
50
30
10
TJ = 25°C
VCE = 20 Vdc
F = 20 MHz
1
Figure 3. Current−Gain − Bandwidth
130
21
VR, REVERSE VOLTAGE (VOLTS)
0.1
100
0.1
10
1.0
10
1000
Cib @ 1MHz
100
1.0
Ccb @ 1MHz
IC, COLLECTOR CURRENT (mA)
1.4
0.0
1.2
1.0
0.8
0.6
0.4
0.2
100
10
0.1
1.0
110
35
7
9
19
17
15
13
11
VBE(on) @ 25°C, VCE = 10 V
VCE(sat) @ 25°C, IC/IB = 10
VBE(sat) @ 25°C, IC/IB = 10
VCE(sat) @ 125°C, IC/IB = 10
VCE(sat) @ −55°C, IC/IB = 10
VBE(sat) @ 125°C, IC/IB = 10
VBE(sat) @ −55°C, IC/IB = 10
VBE(on) @ 125°C, VCE = 10 V
VBE(on) @ −55°C, VCE = 10 V
Figure 4. “ON” Voltages
IC, COLLECTOR CURRENT (mA)
300
0.1
1.0
10
250
200
150
0
TJ = +125°C
25°C
−55°C
VCE = 10 Vdc
100
50
100
01-Jun-200
4 Rev. B
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com