Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20040 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MBR20040
Description  180 Amp Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MBR20040 Datasheet(HTML) 1 Page - Microsemi Corporation

  MBR20040 Datasheet HTML 1Page - Microsemi Corporation MBR20040 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
39.62
19.69
Maximum
Sq.
Dia.
19.18
30.28
4.06
14.73
4.06
15.88
38.61
18.42
Minimum
Millimeter
3.96
13.34
3.86
18.92
30.02
15.37
Dia.
3.30
12.83
3.05
12.57
1.52
.725
.745
1.182
.156
.525
.152
.605
B
A
D
E
G
J
H
F
C
Dim. Inches
Minimum
.120
.495
K
L
1.56
.130
.160
.580
.160
1.192
.625
.505
1/4-20 UNC-2B
.755
.775
Maximum
Notes
Base is cathode
Base is anode
Std. Polarity
Rev. Polarity
B
D
J
G
C
F
K
L
E
A
H
ROHS Compliant
150°C Junction Temperature
MBR20045
MBR20040
MBR20035
Industry
180NQ045
180NQ040
180NQ035
Part Number
45V
HS18045*
45V
40V
40V
HS18040*
Reverse Energy Tested
Schottky Barrier Rectifier
Guard Ring Protection
180 Amperes/35-45 Volts
35V
Reverse Voltage
Repetitive Peak
Microsemi
Catalog Number
HS18035*
Working Peak
Reverse Voltage
35V
* Add Suffix R for Reverse Polarity
RRM,
J = 25°C
R
T
T
T
T
T
I
I
V
V
V
T
T
f = 1 KHZ, 25°C
RRM,
J = 125°C*
R = 5.0V,
C = 25°C
8.3ms, half sine,
J = 150°C
FM = 180A:
J = 25°C*
FM = 180A:
J = 125°C*
C = 83°C, Square wave,
0JC = .32°C/W
I
I F(AV)
I
VFM
FM
V
I
C
I
RM
RM
R(OV)
FSM
J
Maximum surge current
Max peak reverse current
Max peak reverse current
Max peak forward voltage
Max peak forward voltage
Average forward current
Maximum repetitive reverse current
Typical junction capacitance
2 Amps
Electrical Characteristics
*Pulse test: Pulse width 300µsec, Duty cycle 2%
3000 Amps
0.55 Volts
3.5 Amp
7000pF
180 Amps
0.41 Volts
10mA
Thermal and Mechanical Characteristics
0.32°C/W
0.12°C/W
35-40 inch pounds
Junction to case
Case to sink
-55°C to 150°C
-55°C to 150°C
1.1 ounces (32 grams) typical
20-25 inch pounds
J
T
T
R
R OJC
STG
OCS
Mounting Base Torque
Weight
Operating junction temp range
Typical thermal resistance (greased)
Terminal Torque
Max thermal resistance
Storage temp range
180 Amp Schottky Rectifier
HS18035 - HS18045
January, 2011 - Rev. 5
www.microsemi.com


Similar Part No. - MBR20040

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20040 MCC-MBR20040 Datasheet
126Kb / 3P
200 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR20040 TEL-MBR20040 Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
logo
Micro Commercial Compon...
MBR20040CT MCC-MBR20040CT Datasheet
414Kb / 3P
200 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR20040CT TEL-MBR20040CT Datasheet
133Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
logo
Microsemi Corporation
MBR20040CT MICROSEMI-MBR20040CT Datasheet
123Kb / 2P
Schottky PowerMod
More results

Similar Description - MBR20040

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS18230 MICROSEMI-HS18230 Datasheet
126Kb / 2P
180 Amp Schottky Rectifier
HS18035 MICROSEMI-HS18035 Datasheet
134Kb / 2P
180 AMP SCHOTTKY RECTIFIER
HS18135 MICROSEMI-HS18135 Datasheet
131Kb / 2P
180 Amp Schottky OR,ing Rectifier
logo
Vishay Siliconix
180NQ045PBF VISHAY-180NQ045PBF Datasheet
114Kb / 6P
Schottky Rectifier, 180 A
28-Apr-08
183NQ100PBF VISHAY-183NQ100PBF Datasheet
112Kb / 6P
Schottky Rectifier, 180 A
06-May-08
logo
Microsemi Corporation
HS18380 MICROSEMI-HS18380 Datasheet
119Kb / 2P
180 Amp Schottky Rectifier
HS18135 MICROSEMI-HS18135_11 Datasheet
117Kb / 2P
180 Amp Schottky Rectifier
HS18230 MICROSEMI-HS18230_11 Datasheet
118Kb / 2P
180 Amp Schottky Rectifier
HS18380 MICROSEMI-HS18380_11 Datasheet
117Kb / 2P
180 Amp Schottky Rectifier
HS18515 MICROSEMI-HS18515_11 Datasheet
118Kb / 2P
180 Amp Schottky ORing Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com