Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR24045 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MBR24045
Description  240 Amp Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MBR24045 Datasheet(HTML) 1 Page - Microsemi Corporation

  MBR24045 Datasheet HTML 1Page - Microsemi Corporation MBR24045 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
39.62
19.69
Maximum
Sq.
Dia.
19.18
30.28
4.06
14.73
4.06
15.88
38.61
18.42
Minimum
Millimeter
3.96
13.34
3.86
18.92
30.02
15.37
Dia.
3.30
12.83
3.05
12.57
1.52
.725
.745
1.182
.156
.525
.152
.605
B
A
D
E
G
J
H
F
C
Dim. Inches
Minimum
.120
.495
K
L
1.56
.130
.160
.580
.160
1.192
.625
.505
1/4-20 UNC-2B
.755
.775
Maximum
Notes
Std. Polarity
Base is cathode
Rev. Polarity
Base is anode
B
D
J
G
C
F
K
L
E
A
H
ROHS Compliant
150°C junction temperature
MBR24035
MBR24045
240NQ045,244NQ045
MBR24040
240NQ040,244NQ040
MBRP20035L,MBRP30035L
Industry
240NQ035,244NQ035
Part Number
V
Guard ring protection
Low forward voltage
RRM - 35 to 45 volts
Schottky Barrier Rectifier
Reverse energy tested
40V
35V
45V
HS24045*
HS24040*
HS24035*
Microsemi
Catalog Number
*Add suffix R for Reverse Polarity
Working Peak
Reverse Voltage
35V
40V
45V
Reverse Voltage
Repetitive Peak
*Pulse test: Pulse width 300µsec, Duty cycle 2%
T
R
*
*
T
*
T
T
T
T
I
I
V
V
V
8.3 ms, half sine
J = 150°C
f = 1 KHz, 25°C, 1µsec square wave
FM = 240A: J = 125°C
RRM,
J = 25°C
T
R = 5.0V,
J = 25°C
RRM,
J = 125°C
FM = 240A: J = 25°C
C = 92°C, square wave,
0JC = 0.24°C/W
I
IF(AV)
I
FM
V
IRM
C
IRM
VFM
R(0V)
FSM
J
Max peak reverse current
Max peak forward voltage
Max repetitive peak reverse current
Typical junction capacitance
Max peak reverse current
Max peak forward voltage
Maximum surge current
Average forward current
10500 pF
0.55 Volts
0.49 Volts
3500 Amp
12 mA
3.0 A
2 Amps
240 Amps
Electrical Characteristics
Thermal and Mechanical Characteristics
0.24°C/W
0.12°C/W
T
R
TJ
STG
CS
R O
JC
O
-55°C to 150°C
-55°C to 175°C
Junction to case
Case to sink
1.1 ounces (28 grams)
20-25 inch pounds
35-40 inch pounds
Storage temp range
Operating junction temp range
Maximum thermal resistance
Typical thermal resistance (greased)
Weight
Mounting torque
Terminal torque
240 Amp Schottky Rectifier
HS24035 - HS24045
January, 2011 - Rev. 6
www.microsemi.com


Similar Part No. - MBR24045

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR24045 MCC-MBR24045 Datasheet
127Kb / 3P
240 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR24045 TEL-MBR24045 Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 240A
MBR24045R TEL-MBR24045R Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 240A
More results

Similar Description - MBR24045

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS24230 MICROSEMI-HS24230 Datasheet
127Kb / 2P
240 Amp Schottky Rectifier
HS24380 MICROSEMI-HS24380 Datasheet
129Kb / 2P
240 Amp Schottky Rectifier
HS24135 MICROSEMI-HS24135 Datasheet
138Kb / 2P
240 AMP SCHOTTKY RECTIFIER
HS24035 MICROSEMI-HS24035 Datasheet
141Kb / 2P
240 AMP SCHOTTKY RECTIFIER
HS24135 MICROSEMI-HS24135_11 Datasheet
117Kb / 2P
240 Amp Schottky Rectifier
HS24230 MICROSEMI-HS24230_11 Datasheet
118Kb / 2P
240 Amp Schottky Rectifier
HS24380 MICROSEMI-HS24380_11 Datasheet
117Kb / 2P
240 Amp Schottky Rectifier
HS24515 MICROSEMI-HS24515_11 Datasheet
118Kb / 2P
240 Amp Schottky Rectifier
HS246150 MICROSEMI-HS246150_11 Datasheet
116Kb / 2P
240 Amp Schottky Rectifier
HS247180 MICROSEMI-HS247180_11 Datasheet
116Kb / 2P
240 Amp Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com