Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM338 Datasheet(PDF) 2 Page - Seme LAB

Part # LM338
Description  5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM338 Datasheet(HTML) 2 Page - Seme LAB

  LM338 Datasheet HTML 1Page - Seme LAB LM338 Datasheet HTML 2Page - Seme LAB LM338 Datasheet HTML 3Page - Seme LAB LM338 Datasheet HTML 4Page - Seme LAB LM338 Datasheet HTML 5Page - Seme LAB LM338 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VREF
Reference Voltage
DVOUT
Line Regulation 1
DVIN
DVOUT
Load Regulation 1
DIOUT
Thermal Regulation
Ripple Rejection
IADJ
Adjust Pin Current
DIADJ Adjust Pin Current
Change
IMIN
Minimum Load
Current
ISC
Current Limit
DVOUT Temperature
DTEMP Stability
DVOUT
Long Term Stability
DTIME
en
RMS Output Noise
(% of VOUT)
RqJC
Thermal Resistance
Junction to Case
IOUT = 10mA
IOUT = 10mA to 5A
VIN – VOUT = 3V to 35V
P
£ 50W
TJ = –55 to +150°C
VIN – VOUT = 3V to 35V
TJ = –55 to +150°C
IOUT = 10mA to 5A
VOUT £ 5V
VOUT ³ 5V
IOUT = 10mA to 5A
VOUT £ 5V
TJ = –55 to +150°C
VOUT ³ 5V
tp = 20ms
CADJ = 0
VOUT = 10V
TJ = –55 to +150°C
f = 120Hz
CADJ = 10mF
TJ = –55 to +150°C
TJ = –55 to +150°C
IOUT = 10mA to 5A
VIN – VOUT = 3V to 35V
TJ = –55 to +150°C
VIN – VOUT = 35V
TJ = –55 to +150°C
VIN – VOUT £ 10V
DC
TJ = –55 to +150°C
0.5ms Peak
VIN – VOUT = 30V
TJ = –55 to +150°C
TA = 125°C
t = 1000 Hrs
f = 10 Hz to 10 kHz
K Package (TO–3)
1.238
1.25
1.262
1.225
1.250
1.270
0.005
0.010
0.020
0.040
515
0.1
0.3
20
30
0.3
0.6
0.002
0.010
60
60
75
45
100
0.2
5
3.5
5
58
712
0.25
1
12
0.3
1
0.001
1
1.190
1.240
1.290
0.005
0.010
0.020
0.040
515
0.1
0.3
20
30
0.3
0.6
0.002
0.010
60
60
75
45
100
0.2
5
3.5
5
58
712
1
1
0.3
1
0.001
1
V
V
% / V
mV
%
mV
%
%/W
dB
dB
mA
mA
mA
A
A
%
%
%
°C/W
IP138A SERIES
IP138A SERIES
IP338A SERIES
IP338A SERIES
LM138 SERIES
Prelim. 4/96
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
1) Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to
heating effects are covered under thermal regulation specifications. Load regulation is measured from the bottom of the package
for the TO–3 package.
2) Test Conditions unless othewise stated: VIN – VOUT = 5V , TJ = 25°C , IOUT = 2.5A.
Although power dissipation is internally limited, these specifications apply for dissipations of 50W and IMAX = 5A.
LM138
IP138A
IP138
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max. Units



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com