Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCD054 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MSCD054
Description  0.5 Amp Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MSCD054 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MSCD054 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MSCD054 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MSCD054 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSCD052 ~ MSCD054
VOLTAGE 20 V ~ 40 V
0.5 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
14-Sep-2010 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Halogen-free type
Lead free product , compliance to RoHS
Lead less chip form , no lead damage
Lead-free solder joint , no wire bond & lead frame
Low power loss , High efficiency
High current capability , low VF
APPLICATION
Switching mode power supply applications
Portable equipment battery applications
High frequency rectification
DC / DC Converter
Telecommunication
MECHANICAL DATA
Case:Packed with FRP substrate and epoxy underfilled
Terminals:Pure Tin plated (Lead-Free),
solderable per MIL-STD-750 , Method 2026.
Polarity:Laser Cathode band marking
Weight: 0.005 grams (approximate)
MARKING
PACKAGE INFORMATION
PACKAGE
MPQ
Carton Size
0805
3000
7 inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
TYPE NUMBER
SYMBOL
MSCD0
52
MSCD
053
MSCD
054
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
V
Maximum Average Forward Current
IF(AV)
0.5
A
Peak Forward Surge Current @ 8.3 ms single half sine-wave
IFSM
5
A
Operating Temperature range
Topr
-40 ~ +125
°C
Junction Temperature Range TJ
TJ
125
°C
Storage Temperature Range TSTG
TSTG
-40 ~ +125
°C
Cathode Band
G
E
E
D
A
C
B
F
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.90
2.10
E
0.40
0.60
B
1.20
1.40
F
R 0.275
C
1.00 TYP.
G
0.05 REF.
D
0.85
1.05
0805


Similar Part No. - MSCD054

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MSCD054 ZOWIE-MSCD054 Datasheet
69Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
MSCD054 SECOS-MSCD054 Datasheet
261Kb / 2P
0.5 AMP Surface Mount Schottky Barrier Rectifiers
MSCD054-C SECOS-MSCD054-C Datasheet
157Kb / 3P
0.5Amp Surface Mount Schottky Barrier Rectifiers
logo
Zowie Technology Corpor...
MSCD054H ZOWIE-MSCD054H Datasheet
225Kb / 2P
Schottky Barrier Diode
MSCD054H ZOWIE-MSCD054H Datasheet
225Kb / 2P
Schottky Barrier Diode
More results

Similar Description - MSCD054

ManufacturerPart #DatasheetDescription
logo
Bytes
SM120A BYTES-SM120A Datasheet
153Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Compensated Deuices Inc...
CDLL6675 CDI-DIODE-CDLL6675 Datasheet
69Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
CDLL0.2A20 MICROSEMI-CDLL0.2A20 Datasheet
51Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR002 TSC-SR002 Datasheet
58Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
SR002 TSC-SR002_1 Datasheet
249Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MSCD052 SECOS-MSCD052 Datasheet
261Kb / 2P
0.5 AMP Surface Mount Schottky Barrier Rectifiers
SCS0520P SECOS-SCS0520P Datasheet
125Kb / 2P
0.5 AMP Schottky Barrier Rectifiers
SCS0520V SECOS-SCS0520V Datasheet
199Kb / 2P
0.5 AMP Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SR002 TSC-SR002_10 Datasheet
534Kb / 2P
0.5 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MSCD052 SECOS-MSCD052_15 Datasheet
244Kb / 3P
0.5 Amp Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com