Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP1002 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LSP1002
Description  ENHANCED PERFORMANCE SURFACE MOUNT EPSM PIN Diodes TM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LSP1002 Datasheet(HTML) 1 Page - Microsemi Corporation

  LSP1002 Datasheet HTML 1Page - Microsemi Corporation LSP1002 Datasheet HTML 2Page - Microsemi Corporation LSP1002 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LSP1000 – LSP1012
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
Copyright
 2007
Rev: 2009-09-10
RoHS Compliant
ENHANCED PERFORMANCE SURFACE MOUNT
EPSM
® PIN Diodes
TM
®
DESCRIPTION
The LSP series of Enhanced Performance Surface Mount (EPSM)
PIN diodes offers the circuit designer a higher level of quality in a
commercially priced package. Choose from LSP1000, LSP1004,
and LSP1008 for switching applications, LSP1002, LSP1005,
LSP1010 and LSP1011 for low distortion attenuation from VHF
through 5 GHz. They are available in a host of configurations (see
configuration table for internal wiring.) The LSP products are
supplied with a RoHS compliant gold finish.
Other configurations are available - consult factory for details. When
ordering specify configuration (example: LSP1004-454-4 is a
common cathode dual pin).
APPLICATIONS/BENEFITS
High Performance Wireless
Surface Mount Options for
GSM, TAGS, WANS, PCS
Wideband Switching
Broadband Attenuators
Phase Shifters
Broadband Limiters
APPLICATIONS
Specify EPSM package style 450A or 454. For 3 terminal style 454,
refer to configuration page. Example: LSP1001-454-4 is a common
cathode pair of PIN diodes for broadband switching applications; for
the 2 terminal style 450A, refer to the outline dimension table.
Example: LSP1001-450A is a single device with a 0.075 x 0.050
outline.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Leakage Current
@80% of Minimum Rated VB
IR
50
nA
Storage Temperature
TSTG
-65 to +125
ºC
Operating Temperature
TOP
-65 to +125
ºC
Power Dissipation
PD
500
mW
Forward Current (1uS Pusle)
IF
1
A
KEY FEATURES
Low Cost
High Performance
Surface Mount
Available on Tape
Multiple Configurations to Choose
From
RoHS Compliant
1
IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change, consult factory for the latest information.
These devices are ESD sensitive and must be handled using ESD precautions.
1 The EPSM products are supplied with a
RoHS complaint Gold finish
.


Similar Part No. - LSP1002

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LSP1002 MICROSEMI-LSP1002 Datasheet
322Kb / 3P
ENHANCED PERFORMANCE SURFACE MOUNT EPSM PACKAGED DEVICES
More results

Similar Description - LSP1002

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
KV1913A MICROSEMI-KV1913A Datasheet
290Kb / 4P
ENHANCED PERFORMANCE SURFACE MOUNT EPSM PACKAGED DEVICES
LSP1000 MICROSEMI-LSP1000 Datasheet
322Kb / 3P
ENHANCED PERFORMANCE SURFACE MOUNT EPSM PACKAGED DEVICES
logo
Agilent(Hewlett-Packard...
HSMP-38XX HP-HSMP-38XX Datasheet
99Kb / 12P
Surface Mount PIN Diodes
logo
Microsemi Corporation
KV1913A MICROSEMI-KV1913A_1 Datasheet
158Kb / 3P
ENHANCED PERFORMANCE SURFACE MOUNT EPSM?줙yperabrupt Varactor Diodes TM
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3890 AVAGO-HSMP-3890 Datasheet
332Kb / 13P
Surface Mount RF PIN Switch Diodes Matched Diodes for Consistent Performance
HSMP-3860 AVAGO-HSMP-3860 Datasheet
356Kb / 10P
Surface Mount PIN Diodes Matched Diodes for Consistent Performance
HSMP-3860 AVAGO-HSMP-3860_15 Datasheet
260Kb / 10P
Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386C BOARDCOM-HSMP-386C Datasheet
260Kb / 10P
Surface Mount PIN Diodes
HSMP-386E BOARDCOM-HSMP-386E Datasheet
260Kb / 10P
Surface Mount PIN Diodes
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
Surface Mount PIN Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com