Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSP1004 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LSP1004
Description  ENHANCED PERFORMANCE SURFACE MOUNT EPSM PIN Diodes TM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LSP1004 Datasheet(HTML) 2 Page - Microsemi Corporation

  LSP1004 Datasheet HTML 1Page - Microsemi Corporation LSP1004 Datasheet HTML 2Page - Microsemi Corporation LSP1004 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LSP1000 – LSP1012
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
Copyright
 2007
Rev: 2009-09-10
RoHS Compliant
ENHANCED PERFORMANCE SURFACE MOUNT
EPSM
® PIN Diodes
TM
®
EPSM PIN Diodes
.
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
Model Number
VB(V)
IR=10μA
(Min)
CT(pF)
1
@VR
(Max)
VR (V)
RS(Ohms)
2
@IF(Max)
IF(mA)
TL(nS)
3
(Typ)
Application
LSP1000
35
0.28
5
2.5
5
80
Switch
LSP1002
100
0.32
50
4.0
100
1500
Attenuator
LSP1004
35
0.75
20
0.6
10
150
Switch
LSP1011
200
0.35
50
2.0
100
2000
Attenuator
LSP1012
20
0.35
10
1.8
10
5
Limiter
TYPICAL PINOUT FOR 454-X PACKAGE STYLE
454-0
454-1
454-2
454-3
454-4
454-5
Notes
1.
Capacitance (CT) is measured at f = 1 MHz
2.
Series Resistance (RS) is measured at f = 100 MHz
a.
The LSP1012 is measured at f = 1GHz
3.
Carrier Lifetime (TL) is measured at IF = 10 mA, IR = 6 mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com