Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1745 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1745
Description  Triple Output Boost ??LED Driver / LCD Bias
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1745 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1745 Datasheet HTML 1Page - Microsemi Corporation LX1745 Datasheet HTML 2Page - Microsemi Corporation LX1745 Datasheet HTML 3Page - Microsemi Corporation LX1745 Datasheet HTML 4Page - Microsemi Corporation LX1745 Datasheet HTML 5Page - Microsemi Corporation LX1745 Datasheet HTML 6Page - Microsemi Corporation LX1745 Datasheet HTML 7Page - Microsemi Corporation LX1745 Datasheet HTML 8Page - Microsemi Corporation LX1745 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LX1745
PRODUCTION DATASHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Triple Output Boost – LED Driver / LCD Bias
Copyright
© 2000
Rev. 1.2, 2006-02-27
TM
®
ABSOLUTE MAXIMUM RATINGS
Supply Input Voltage ...........................................................................-0.3V to 7V
Feedback Input Voltage (VFBx) ...............................................-0.3V to VIN + 0.3V
Shutdown Input Voltage (VSHDN x) ..........................................-0.3V to VIN + 0.3V
PWM Input Amplitude (ADJx, BRT).....................................-0.3V to VIN + 0.3V
Analog Adjust Input Voltage (VADJx, VBRT)............................-0.3V to VIN + 0.3V
SRC Input Current ................................................................................ 500mARMS
Operating Temperature Range .........................................................-40
°C to 85°C
Maximum Operating Junction Temperature ................................................ 150
°C
Storage Temperature Range...........................................................-65
°C to 150°C
RoHS / Pb-free Peak Package Solder Reflow Temperature
(40 second maximum exposure) ..................................................... 260°C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
x denotes respective pin designator 1, 2, or 3
TH ERMAL DATA
PW Plastic TSSOP 20-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
90
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
PACKAGE PIN OUT
GND
DRV
GND
FB1
REF
BRT
SW1
ADJ1
IN
SRC
1
2
8
7
14
17
20
19
3
5
9
12
18
16
6
4
OVP
CS
15
13
SW2
10
11
SHDN1
LSHDN
SHDN2
LFB
ADJ2
FB2
GND
PW PACKAGE
(Top View)
RoHS / Pb-free 100% Matte Tin Lead Finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com