Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1882-33CDM Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1882-33CDM
Description  Charge Pump Doubler with Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1882-33CDM Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1882-33CDM Datasheet HTML 1Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 2Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 3Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 4Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 5Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 6Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 7Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 8Page - Microsemi Corporation LX1882-33CDM Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2000
Rev. 1.0e, 2005-03-03
LX1882
Charge Pump Doubler with Linear Regulator
PRODUCTION DATA SHEET
I N T E GRA T ED
PR ODUC T S
SI MPLIFI ED BLOCK DI AGRAM
CHARGE
PUMP
7
5
4
Power
-On
Reset
550kHz
OSC
1
8
6
2
V
IN
1.8V to 4.4V
LDO
V
OUT
OFF ON
C3
C4
C2
C1
1:100
SHD
SHD
RG
CLK
1.175
Vref
VIN
SDRG
SD2
SD2
RG
TSD
C+
GND
FILT
C-
CPO
R1
R2
1nF
3
Figure 2 – LX1882-33 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com