Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP3543 Datasheet(PDF) 2 Page - Seme LAB

Part # IP3543
Description  POWER SUPPLY SUPERVISORY CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP3543 Datasheet(HTML) 2 Page - Seme LAB

  IP3543 Datasheet HTML 1Page - Seme LAB IP3543 Datasheet HTML 2Page - Seme LAB IP3543 Datasheet HTML 3Page - Seme LAB IP3543 Datasheet HTML 4Page - Seme LAB IP3543 Datasheet HTML 5Page - Seme LAB IP3543 Datasheet HTML 6Page - Seme LAB IP3543 Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LAB
SEME
IP1543 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 1/96
U.V. INDICATE
9
7
U.V.
V
IN
U.V. DELAY
8
250
µA
U.V. SENSE
15
V
REF
O.V. DELAY
5
250
µA
O.V.
16
V
IN
2.5 V REF.
14
GND
6
O.V. SENSE
SCR TRIGGER
1
O.V. INDICATE
4
REMOTE
ACTIVATE
2
RESET
3
C.L. OUTPUT
13
C.L.
10
C.L. INV.
V
IN
OFFSET / COMP
12
11
C.L. NON–INV.
+4.5 to +40V
0 to VIN – 3
0 to 10mA
0 to 10mA
–55 to +125°C
0 to +70°C
RECOMMENDED OPERATING CONDITIONS
VIN
Input Supply Voltage
Input Voltage Range
Reference Load Current
Indicate Output Current
Operating Ambient Temperature Range
IP1543
IP3543
DESCRIPTION
The IP1543 and IP3543 power supply supervisory circuits contain all the functions necessary to monitor and control the
output of a sophisticated power supply system. Included on the chip are over-voltage (O.V.) sensing with externally
programmable delay used to trigger an external SCR “Crowbar”, under-voltage (U.V.) sensing with externally
programmable delay used to sense either the power supply output or the line input voltage, a third op-amp/comparator
with provision for external compensation and/or offset programming used for either current limiting or as an additional
voltage monitor, and a voltage reference trimmed to ±1%.
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com