Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5553 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX5553
Description  2.4-2.5 GHz Front-End Module with Internally Matched Power Amplifier, LNA & SP3T Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5553 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX5553 Datasheet HTML 1Page - Microsemi Corporation LX5553 Datasheet HTML 2Page - Microsemi Corporation LX5553 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LX5553
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
2.4-2.5 GHz Front-End Module with Internally
Matched Power Amplifier, LNA & SP3T Switch
TM
®
Copyright
 2010
Rev. 1.0, 2010-03-18
P R O D U C T H I G H L I G H T
A B S O L U T E M A X I M U M R A T I N G S
DC Supply Voltage, RF off................................................................................5V
Collector Current (PA)................................................................................500mA
Drain Current (LNA) ....................................................................................40mA
Total Power Dissipation....................................................................................2W
RF Input Power (TxIn) ............................................................................+10 dBm
RF Input Power (Ant, SwIn, BT) ............................................................+25 dBm
Maximum Junction Temperature (Tj max) ................................................ +150°C
Operation Ambient Temperature ...................................................-40°C to +85°C
Storage Temperature ....................................................................-65°C to +150°C
RoHS/Pb-Free Peak Package Temp. for Solder Reflow
(40 seconds maximum exposure)................................................... 260°C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
T H E R M A L D A T A
LU Plastic MLPQ 16-Pin
THERMAL RESISTANCE
-JUNCTION TO CASE,
JC
10 C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
JA
50 C/W
Junction Temperature Calculation: TJ = TA + (PD x JA).
The
JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
P A C K A G E P I N O U T
LQ PACKAGE
(“See-Through” View from Top)
RoHS/Pb-free 100% Matte Tin Lead finish
P A C K A G E O R D E R I N F O
LU
Plastic MLPQ
16 pin 3x3mm
RoHS Compliant /Pb-Free
LX5553LU
Note: Available in Tape & Reel.
Append the letters “TR” to the part number.
(i.e. LX5553LU-TR)
MSC
5552
818A
MSC
5553
845A
MSC
5552
818A
MSC
5553
845A
Vcc
1
2
3
9
12
11
10
4
5
6
7
8
13
14
15
16
Vref
Det
LNAOut
PAOut
SwIn
CtrlRx
CtrlTx
Vdd BT CtrlBT Ant
TxIn
Vc1 Vc2
NC
GND
Vcc
1
2
3
9
12
11
10
4
5
6
7
8
13
14
15
16
Vref
Det
LNAOut
PAOut
SwIn
CtrlRx
CtrlTx
Vdd BT CtrlBT Ant
TxIn
Vc1 Vc2
NC
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com