Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX6431ACDM Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX6431ACDM
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6431ACDM Datasheet(HTML) 3 Page - Microsemi Corporation

  LX6431ACDM Datasheet HTML 1Page - Microsemi Corporation LX6431ACDM Datasheet HTML 2Page - Microsemi Corporation LX6431ACDM Datasheet HTML 3Page - Microsemi Corporation LX6431ACDM Datasheet HTML 4Page - Microsemi Corporation LX6431ACDM Datasheet HTML 5Page - Microsemi Corporation LX6431ACDM Datasheet HTML 6Page - Microsemi Corporation LX6431ACDM Datasheet HTML 7Page - Microsemi Corporation LX6431ACDM Datasheet HTML 8Page - Microsemi Corporation LX6431ACDM Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
P RECISION P ROGRAMMABLE R EFERENCE S
LX6431/LX6431A/LX6431B
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1999
Rev. 1.4a
P RODUCTION D AT A S HEET
ELECTRICAL CHARACTERISTICS
(Note 2)
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for LX6431C/LX6431AC/LX6431BC with 0°C
≤ T
A ≤
70°C, LX6431I/LX6431AI/LX6431BI with -40°C
≤ T
A ≤ 85°C.)
Parameter
Symbol
Test Conditions
LX6431
Units
Min. Typ. Max.
2440
2550
mV
2470
2520
mV
2490
2510
mV
15
mV
25
mV
15
mV
25
mV
15
mV
20
mV
0.3
1
mV/V
0.3
1
mV/V
0.1
0.5
µA
0.1
0.5
µA
0.4
0.6
mA
0.4
0.6
mA
0.3
1
µA
30
100
m
Ω
Reference Input Voltage
LX6431
V
REF
I
K = 10mA, VKA = VREF, TA = 25°C,
LX6431A
I
K = 10mA, VKA = VREF, TA = 25°C
LX6431B
I
K = 10mA, VKA = VREF, TA = 25°C
Reference Drift
LX6431
I
K = 10mA, VKA = VREF, 0°C ≤ TA ≤ 70°C
I
K = 10mA, VKA = VREF, -40°C ≤ TA ≤ 85°C
LX6431A
I
K = 10mA, VKA = VREF, 0°C ≤ TA ≤ 70°C
I
K = 10mA, VKA = VREF, -40°C ≤ TA ≤ 85°C
LX6431B
I
K = 10mA, VKA = VREF, 0°C ≤ TA ≤ 70°C
I
K = 10mA, VKA = VREF, -40°C ≤ TA ≤ 85°C
Voltage Ratio, Reference to Cathode
I
K = 10mA, VKA = 2.5V to 36V, TA = 25°C
(Note 3)
I
K = 10mA, VKA = 2.5V to 36V, TA = Operating Range
Reference Input Current
I
REF
V
KA = VREF, TA = 25°C
V
KA = VREF, TA = Operating Range
Minimum Operating Current
I
MIN
V
KA = VREF to 36V, TA = 25°C
V
KA = VREF to 36V, TA = Operating Range
Off-State Cathode Current
I
OFF
V
KA = 36V, VREF = 0V, TA = 25°C
Dynamic Impedance
Z
KA
V
KA = VREF, IK = 0.6mA to 100mA, f ≤ 1kHz, TA = 25°C
Note 2. These parameters are guaranteed by design.
Note 3.
Ratio of change in reference input voltage
to the change in cathode voltage.
∆V
REF
∆V
KA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com