Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX6431ACLP Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX6431ACLP
Description  PRECISION PROGRAMMABLE REFERENCES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6431ACLP Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button LX6431ACLP Datasheet HTML 3Page - Microsemi Corporation LX6431ACLP Datasheet HTML 4Page - Microsemi Corporation LX6431ACLP Datasheet HTML 5Page - Microsemi Corporation LX6431ACLP Datasheet HTML 6Page - Microsemi Corporation LX6431ACLP Datasheet HTML 7Page - Microsemi Corporation LX6431ACLP Datasheet HTML 8Page - Microsemi Corporation LX6431ACLP Datasheet HTML 9Page - Microsemi Corporation LX6431ACLP Datasheet HTML 10Page - Microsemi Corporation LX6431ACLP Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
P RECISION P ROGRAMMABLE R EFERENCE S
LX6431/LX6431A/LX6431B
PRODUCT DA T ABOOK 1996/1997
7
Copyright © 1999
Rev. 1.4a
P RODUCTION D AT A S HEET
The output voltage of the reference can be programmed by using
the formula below:
If more accuracy is required then the effects of the input bias
current (I
REF) must be taken into account.
The formula below
accounts for the error this current produces.
Smaller values of programming resistors tend to minimize bias
current errors. In this respect the low input current characteristics
of the LX6431B helps to reduce the power dissipation on the
programming resistors by a factor of five compared to other
references like the TL1431 and TL431.
The LX6431 series of voltage references have an enhanced
circuit design that can tolerate any value of cathode to anode
capacitance.
APPLICA TION INFORMA TION
Application Hints
The reference input current of the LX6431 series voltage refer-
ences is much lower than other similar precision parts. This helps
to design programmable voltage references that can use much
higher value programming resistors while maintaining the same
accuracy as the other precision parts. Figure 7 below shows a 5V,
1% shunt regulator using the LX6431B and a shunt regulator using
the TL1431 (Also available from Linfinity). Figure 8 shows 0.5%
shunt regulators. Noteworthy are the values of the reference
resistors used in the two circuits. With the LX6431B it is possible
to use 25k resistors for setting the output voltage with 1%
precision as opposed to 5k programming resistors when the same
precision needs to be achieved with a TL1431.
LX6431B
1k
0.1%
1k
0.1%
R1
R2
GND
a)
V
KA
5V, 0.5%
V
IN
FIGURE 8 — Comparison of reference resistor values between an
LX6431B and a TL1431, when used as 0.5%, 5V shunt regulators.
TL1431
240
0.1%
240
0.1%
R1
R2
GND
b)
V
KA
5V, 0.5%
V
IN
V2.5
1
R1
R2
IR1
KA
REF
=∗
+


+∗
V2.5
1
R1
R2
KA ≅∗
+


LX6431B
25k
0.1%
25k
0.1%
R1
R2
GND
a)
V
KA
5V, 1%
V
IN
TL1431
5k
0.1%
5k
0.1%
R1
R2
GND
b)
V
KA
5V, 1%
V
IN
FIGURE 7 — Comparison of reference resistor values between an
LX6431B and an TL1431, resistors used with the
LX6431B are 5 times higher in value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com