Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8940IP Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8940IP
Description  5V Low Dropout Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8940IP Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8940IP Datasheet HTML 1Page - Microsemi Corporation LX8940IP Datasheet HTML 2Page - Microsemi Corporation LX8940IP Datasheet HTML 3Page - Microsemi Corporation LX8940IP Datasheet HTML 4Page - Microsemi Corporation LX8940IP Datasheet HTML 5Page - Microsemi Corporation LX8940IP Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LX8940
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2000
Rev. 1.3a, 2005-11-18
5V Low Dropout Regulator
TM
®
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN)......................................................................................... -15V to 26V
Maximum Operating Junction Temperature .............................................................. 150°C
Storage Temperature Range.........................................................................-65°C to 150°C
Peak Package Solder Reflow Temp. (40 seconds max. exposure) ................. 260°C (+0,-5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal. Pin numbers refer to
DIL packages only
TH ERMAL DATA
P
Plastic TO-220 3-Pin
THERMAL RESISTANCE
-JUNCTION TO TAB,
θ
JT
3.0
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
60
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
PACKAGE PIN OUT
1
2
3
TAB is GND
GND
Output
Input
P PACKAGE
(Top View)
RoHS / Pb-free 100% matte Tin Lead Finish
RECOMM END E D O P ERATING CONDITIONS
LX8940
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 2
26
V
Load Current (with adequate heatsinking)
5
1000
mA
Maximum Line Transient (Load Dump), VO < 5.5V
60
V
Input Capacitor (VIN to GND)
0.1
µF
Output Capacitor with ESR of 10Ω max., (VOUT to GND & VSB to GND)
10
µF
Note 2: VIN(MIN) = 1.2∆V(MAX) See Dropout Voltage Maximum Limit.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com