Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1844 Datasheet(PDF) 2 Page - Seme LAB

Part # IP1844
Description  CURRENT MODE REGULATING PULSE WIDTH MODULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1844 Datasheet(HTML) 2 Page - Seme LAB

  IP1844 Datasheet HTML 1Page - Seme LAB IP1844 Datasheet HTML 2Page - Seme LAB IP1844 Datasheet HTML 3Page - Seme LAB IP1844 Datasheet HTML 4Page - Seme LAB IP1844 Datasheet HTML 5Page - Seme LAB IP1844 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LAB
SEME
IP1844 SERIES
IP1845 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
DESCRIPTION
The IP1844 and IP1845 series of switching regulator control circuits contain all the functions necessary to
implement off-line, current mode switching regulators, using a minimum number of external parts.
Functions included are voltage reference, error amplifier, current sense comparator, oscillator, totem-pole output
driver and under-voltage lockout circuitry. In addition there is a toggle flip-flop which blanks the output on every
second clock pulse, thereby ensuring that the duty cycle never exceeds 50%.
Although pin compatible with the UC1844 and UC1845 series, SEMELAB has incorporated several improvements
in the IP1844 and IP1845 series allowing tighter and more complete specification of electrical performance .
BLOCK DIAGRAM
Values in brackets are for IP1845 series.
3.6V
ERROR
AMP
OSCILLATOR
2R
R
1V
R
S
PW M
LATCH
CURRENT
SENSE
COM PARATOR
16V
(8.4V)
6V
(0.5V)
2.5V
UNDER–VOLTAGE
LOCKOUT
ENABLE
REFERENCE
REGULATOR
5V
INTERNAL
BIAS
34V
REG
R
S
V
STATUS
LATCH
REF
T
Q
TOGGLE
FLIP
FLOP
PIN NUM BERS
1st Num ber
2nd Num ber
– N, J and 8 Pin D Packages
– 14 Pin D Package.
COMP
GND
VCC
I
SENSE
VFB
/C
R
T
T
OUTPUT
POW ER
GROUND
V
REF
V
C
3/5
5/9
7/12
2/3
1/1
4/7
6/10
7/11
5/8
8/14
VCC
Supply Voltage
IO
Output Current
Analog Inputs
(pins 2 and 3)
Error Amp Output Sink Current
IP1844 , IP1845
Operating Ambient Temperature Range
IP2844 , IP2845
IP3844 , IP3845
≤ 30V
0 to ±200mA
–0.3V to 3V
0 to 2mA
–55 to 125°C
–25 to 85°C
0 to 70°C
RECOMMENDED OPERATING CONDITIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com