Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1845 Datasheet(PDF) 1 Page - Seme LAB

Part # IP1845
Description  CURRENT MODE REGULATING PULSE WIDTH MODULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1845 Datasheet(HTML) 1 Page - Seme LAB

  IP1845 Datasheet HTML 1Page - Seme LAB IP1845 Datasheet HTML 2Page - Seme LAB IP1845 Datasheet HTML 3Page - Seme LAB IP1845 Datasheet HTML 4Page - Seme LAB IP1845 Datasheet HTML 5Page - Seme LAB IP1845 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LAB
SEME
IP1844 SERIES
IP1845 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
CURRENT MODE
REGULATING
PULSE WIDTH
MODULATORS
FEATURES
• Guaranteed ±1% reference voltage tolerance
• Guaranteed ±10% frequency tolerance
• Low start–up current (<500
mA)
• Under voltage lockout with hysteresis
• Output state completely defined for all supply
and input conditions
• Interchangeable with UC1844 and UC1845
series for improved operation
• 500kHz Oscillator operation
250kHz Output operation
+30V
Self limiting
±1A
5
µJ
–0.3V to +VCC
10mA
1W
10mW/°C
725mW
7.25mW/°C
2W
16mW/°C
–65 to 150°C
+300°C
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
TOP VIEW
J Package – 8 Pin Ceramic DIP
N Package – 8 Pin Plastic DIP
D-8 Package – 8 Pin Plastic (150) SOIC
1
2
3
4
8
7
6
5
COMP
V
REF
GROUND
OUTPUT
R
T /C T
V
CC
I
SENSE
V
FB
TOP VIEW
D-14 Package – 14 Pin Plastic (150) SOIC
COMP
V
REF
GROUND
OUTPUT
1
2
3
4
POWER
GROUND
5
6
7
14
13
12
11
10
9
8
N/C
R
T /C T
I
SENSE
N/C
N/C
N/C
V
CC
V
FB
V
C
VCC
Supply Voltage
(low impedance source)
(ICC < 30mA)
IO
Output Current
Output Energy
(capacitive load)
Analog Inputs
(pins 2 and 3)
Error Amp Output Sink Current
PD
Power Dissipation
Tamb = 25°C
J, N Packages
Derate @ Tamb > 50°C
PD
Power Dissipation
Tcase = 25°C
D Package
Derate @ Tamb > 50°C
PD
Power Dissipation
Tcase = 25°C
J, N Packages
Derate @ Tcase > 25°C
TSTG
Storage Temperature Range
TL
Lead Temperature
(soldering, 10 seconds)
Part
J–Pack
N–Pack
D–8
D–14
Temp.
Number
8 Pin
8 Pin
8 Pin
14 Pin
Range
IP1844
-55 to +125°C
IP2844
-25 to +85°C
IP3844
0 to +70°C
IP1845
-55 to +125°C
IP2845
-25 to +85°C
IP3845
0 to +70°C
Order Information
Note:
To order, add the package identifier to the
part number.
eg.
IP1844D–14
IP3845J


Similar Part No. - IP1845

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1845A SEME-LAB-IP1845A Datasheet
60Kb / 6P
CURRENT MODE REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - IP1845

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
REGULATING PULSE WIDTH MODULATORS
Jun-2000
logo
Texas Instruments
UC1525B TI-UC1525B Datasheet
653Kb / 14P
Regulating Pulse Width Modulators
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
REGULATING PULSE WIDTH MODULATORS
IP1842 SEME-LAB-IP1842 Datasheet
43Kb / 6P
CURRENT MODE REGULATING PULSE WIDTH MODULATORS
IP1842A SEME-LAB-IP1842A Datasheet
57Kb / 6P
CURRENT MODE REGULATING PULSE WIDTH MODULATORS
IP1844A SEME-LAB-IP1844A Datasheet
60Kb / 6P
CURRENT MODE REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
Regulating Pulse Width Modulators
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
REGULATING PULSE-WIDTH MODULATORS
logo
STMicroelectronics
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
REGULATING PULSE WIDTH MODULATORS
Jun-2000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com