Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1M12 Datasheet(PDF) 2 Page - Seme LAB

Part # IP1M12
Description  200mA DUAL H-BRIDGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP1M12 Datasheet(HTML) 2 Page - Seme LAB

  IP1M12 Datasheet HTML 1Page - Seme LAB IP1M12 Datasheet HTML 2Page - Seme LAB IP1M12 Datasheet HTML 3Page - Seme LAB IP1M12 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LAB
SEME
IP1M10 SERIES
IP1M12 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 7/95
INTERNAL
BIASING
12
PWM
A
11
DIR
A
5
DIR
B
CB
V
6
25
Ω
25
Ω
14
–VOA
1
OA
+V
7
OB
+V
8
OB
–V
EA
V
13
CA
V
2
3
SS
V
4
PWM
B
GND
10
EB
V
9
VSS
Logic Supply Voltage
1M10 Series
1M12 Series
VC
Driver Supply Voltage
Logic Inputs
Output Current, DC
1Mxx / 2Mxx Series
3Mxx Series
Peak Output Current
1Mxx / 2Mxx Series
3Mxx Series
TAMB
Operating Ambient Temperature Range
1Mxx Series
2Mxx Series
3Mxx Series
+4.75 to +5.25V
+7 to +36V
+4.75 to +36V
0 to +36V
±100mA
±200mA
±125mA
±250mA
-55 to +125°C
-40 to +85°C
0 to +70°C
RECOMMENDED OPERATING CONDITIONS
BLOCK DIAGRAM
DESCRIPTION
The IP1M10 and IP1M12 series each contain two full H-bridge power drivers capable of delivering 200 mA continuous
output current per channel (100mA for 1Mxx / 2Mxx). Each bridge may be run from its own supply voltage of up to 36V
and is controlled by 2 high voltage protected logic level inputs with internal hysteresis for noise immunity.
Protection features include thermal shutdown, peak current limiting, crossover current blanking, and internal output
clamp diodes. Logic supply current is provided by a separate pin so that standby power dissipation may be minimised.
The IP1M10 series requires a +5V logic supply while the IP1M12 series requires a logic supply voltage of +7V or greater,
and is typically used in single supply applications.
The IP1M10 and IP1M12 are available in a 14 lead ceramic DIP while the IP2M10, IP2M12, IP3M10, IP3M12 are avail-
able in the 14 lead ceramic DIP, 14 lead plastic DIP, and 14 lead plastic SOIC packages.
INPUTS
OUTPUTS
DIR
PWM
+VO
-VO
LOW
LOW
HIGH
HIGH
LOW
HIGH
LOW
HIGH
Z*
LOW
HIGH
HIGH
HIGH
HIGH
Z*
LOW
* Z = High Impedance.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com