Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2N7002KT Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # S2N7002KT
Description  N-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S2N7002KT Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S2N7002KT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2N7002KT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S2N7002KT Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S2N7002KT Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S2N7002KT
N-Channel Enhancement MOSFET
Elektronische Bauelemente
09-Apr-2010 Rev. A
Page 2 of 4
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
CHARACTERISTICS
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITIONS
Off Characteristics
(Note2)
Drain-Source Breakdown Voltage
V(BR)DSS
30
-
-
V
VGS = 0V, ID = 100μA
Zero Gate Voltage Drain Current
IDSS
-
-
1.0
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±25
μA
VGS= ±10V, VDS=0V
On Characteristics
(Note2)
Gate Threshold Voltage
VGS(th)
0.5
1.0
1.5
V
VDS=VGS, ID=100μA
Static Drain-Source On Resistance
RDS(ON)
-
1.4
7.0
Ω
VGS=4.5V, ID =154mA
-
2.3
7.5
VGS=2.5V, ID =154mA
Forward transfer admittance
gfs
-
80
-
mS
VDS=3V, ID =154mA
Dynamic Characteristics
Input Capacitance
Ciss
-
11.5
-
pF
VDS=5V, VGS=0V, f=1MHz
Output Capacitance
Coss
-
10
-
Reverse Transfer Capacitance
Crss
-
3.5
-
Switching Characteristics
Turn-On Delay Time
Td(ON)*
-
13
-
nS
VDS=5.0V, VGS=4.5V, ID=75mA,
RG=10Ω
Rise Time
Tr
-
15
-
Turn-Off Delay Time
Td(OFF)*
-
98
-
Fall Time
Tf
-
60
-
Source-Drain Diode Characteristics
Input Capacitance
VSD
-
0.77
0.9
V
VGS=0V, IS=0.154mA
*Pulse Test:pulse width ≦ 300μs, Duty cycle ≦ 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com