Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAD1107 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MAD1107
Description  Switching Diode Array Steering Diode TVS ArrayTM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MAD1107 Datasheet(HTML) 2 Page - Microsemi Corporation

  MAD1107 Datasheet HTML 1Page - Microsemi Corporation MAD1107 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Switching Diode Array
Steering Diode TVS Array
TM
S C O T TS DALE DIVISION
MAD1107 and MAD1107e3
SYMBOLS & DEFINITIONS
Symbol
Definition
VBR
Minimum Breakdown Voltage: The minimum voltage the device will exhibit at a specified current.
VRWM
Working Peak Reverse Voltage: The maximum peak voltage that can be applied over the operating
temperature range.
VF
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified current.
IR
Maximum Leakage Current: The maximum leakage current that will flow at the specified voltage and
temperature.
C
Capacitance: The capacitance of the TVS as defined @ 0 volts at a frequency of 1 MHz and stated in
picofarads.
OUTLINE AND CIRCUIT
Microsemi
Scottsdale Division
Page 2
Copyright
© 2005
6-28-2005 REV L
I/O Port
Supply rail (+VCC)
GND (or -VCC)
STEERING DIODE APPLICATION
figure 1
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.740
0.780
18.80
19.81
B
0.235
0.265
5.969
6.731
C
0.120
0.140
3.048
3.556
D
0.270
0.330
6.858
8.382
E
0.320
0.380
8.128
9.652
F
0.100 BSC
2.540 BSC
G
0.015
0.021
0.381
0.533
H
0.017
0.023
0.431
0.584
I
0.140
0.160
3.556
4.064
J
0.040
0.070
1.016
1.778
OUTLINE
CIRCUIT CONFIGURATION
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com