Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5560C Datasheet(PDF) 6 Page - Seme LAB

Part # IP5560C
Description  SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP5560C Datasheet(HTML) 6 Page - Seme LAB

  IP5560C Datasheet HTML 1Page - Seme LAB IP5560C Datasheet HTML 2Page - Seme LAB IP5560C Datasheet HTML 3Page - Seme LAB IP5560C Datasheet HTML 4Page - Seme LAB IP5560C Datasheet HTML 5Page - Seme LAB IP5560C Datasheet HTML 6Page - Seme LAB IP5560C Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IP5560C
IP5560C
Prelim. 4/95
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
TYPICAL PERFORMANCE CHARACTERISTICS — ERROR AMPLIFIER
Power Derating Curve
Voltage / Current Fed
Supply Characteristics
Duty Cycle Sensitivity To
Feed Forward Voltage (Pin 16)
Typical Frequency Plot vs
RT and CT
T
AMBIENT TEMPERATURE (˚C)
A
0.00
0.25
0.50
0.75
1.00
1.25
-50
-25
0
25
50
75
100
125
150
V
SUPPLY VOLTAGE (V)
CC
0
10
20
30
0
102030
PD =VCC ICC + ( VCC – VZ ) IZ
+ [ ( Vpin15 – Vpin14 ) Ipin15 x δ ]
0
10
20
30
40
50
60
70
80
90
100
1.00
1.50
2.00
2.50
V
PIN16 / VZ
1
10
100
200
TIMING CAPACITANCE
(nF)
2.00
2.50
3.00
3.50
4.00
4.50
R = 5kΩ
R = 10kΩ
R = 20
k
Ω
R = 40kΩ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com