Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR3040RF Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SBR3040RF
Description  30.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SBR3040RF Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SBR3040RF Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SBR3040RF Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individua
l
RATING AND CHARACTERISTIC CURVES
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Page 2 of 2
SBR3040RF
VOLTAGE 40V
.0AMP Schottky Barrier Rectifiers
30
Revise Voltage (%)
Typical Junction Capacitance
0
0.1
1000
2000
3000
4000
1
10
100
Maximum Non- Repetitive Forward
Surge Current
Number of Cycles at 60Hz
0
0
40
80
120
160
8.3mS Single half
Sine Wave
JEDEC Method
Tj=25℃
200
10
100
0.1
0.1
1
5
50
Forward Voltage (V)
Typical Forward Characteristic
0.2
0.3
0.4
0.5
0.6
0.7
25℃
100℃
50℃
20
75℃
0.01
0
0.1
1
10
100
40
10
20
30
50
Reverse Voltage(V)
Typical Reverse Characteristic
25℃
50℃
75℃
100℃
14-Sep-2010 Rev. C
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Typical Forward Current Derating Curve
Tc, Case Temperature ( )
Typical Forward Current Derating Curve



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com