Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMAD130 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MMAD130
Description  Switching Diode Array Steering Diode TVS ArrayTM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMAD130 Datasheet(HTML) 1 Page - Microsemi Corporation

  MMAD130 Datasheet HTML 1Page - Microsemi Corporation MMAD130 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2001
MSCXXXX.PDF 06-24 2002 REV J
MMAD130
Switching Diode Array
Steering Diode TVS Array
TM
SCOTTSDALE DIVISION
DESCRIPTION
These low capacitance diode arrays are multiple, discrete, isolated junctions
fabricated by a planar process and mounted in a 14-PIN package for use as
steering diodes protecting up to ten I/O ports from ESD, EFT, or surge by
directing them either to the positive side of the power supply line or to
ground (see figure 1). An external TVS diode may be added between the
positive supply line and ground to prevent overvoltage on the supply rail.
They may also be used in fast switching core-driver applications. This
includes computers and peripheral equipment such as magnetic cores, thin-
film memories, plated-wire memories, etc., as well as decoding or encoding
applications. These arrays offer many advantages of integrated circuits such
as high-density packaging and improved reliability. This is a result of fewer
pick and place operations, smaller footprint, smaller weight, and elimination
of various discrete packages that may not be as user friendly in PC board
mounting.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless otherwise specified
BREAKDOWN
VOLTAGE
VBR
@ IBR =100µA
V
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
V
LEAKAGE
CURRENT
IR
TA = 25°C
µA
LEAKAGE
CURRENT
IR
TA = 150°C
µA
CAPACITANCE
C
@ 0 V
pF
REVERSE
RECOVERY
TIME
trr
ns
FORWARD
VOLTAGE
VF
IF = 10 mA
V
FORWARD
VOLTAGE
VF
IF = 100 mA
V
PART
NUMBER
MIN
MAX
MAX
@VR
MAX
@VR
TYP
MAX
MAX
MAX
MMAD130
90
75
0.200
20
300
20
1.5
5.0
1.00
1.20
FEATURES
•
20 Diode Array / protects 10 lines
•
Molded 14-Pin SOIC Package
•
UL 94V-0 Flammability Classification
•
Low Capacitance 1.5 pF per diode
•
Switching speeds less than 5 ns
•
IEC 61000-4 compatible
61000-4-2 (ESD): Air 15kV, contact – 8 kV
61000-4-4 (EFT): 40A – 5/50 ns
61000-4-5 (surge): 12A, 8/20
µs
MAXIMUM RATINGS
• Operating Temperature: -55°C to +150°C
• Storage Temperature: -55°C to +150°C
• Forward Surge Current: 2 Amps (8.3 ms)
12 Amps (8/20
µs)
• Continuous Forward Current: 400 mA (one diode)
• Power Dissipation (P
D): 1500 mW (total)
APPLICATIONS / BENEFITS
• High Frequency Data Lines
• RS-232 & RS-422 Interface Networks
• Ethernet: 10 Base T
• Computer I / O Ports
• LAN
• Switching Core Drivers
MECHANICAL AND PACKAGING
• Weight 0.127 grams (approximate)
• Marking: Logo, device number, date code
• Pin #1 defined by indent on top of package
• Tape & Reel packaging: 2500 pcs (STANDARD)
• Carrier tube packaging: 55 pcs
SWITCHING AND
STEERING ARRAY
1
2
3
5
4
6
7
14
13
12
10
11
9
8
Top Viewing Pin Layout


Similar Part No. - MMAD130

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MMAD130 MICROSEMI-MMAD130 Datasheet
90Kb / 1P
Switching Diode Array
logo
Protek Devices
MMAD130 PROTEC-MMAD130 Datasheet
887Kb / 6P
ultra low capacitance multi-line steering diode array
MMAD130 PROTEC-MMAD130 Datasheet
889Kb / 6P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
More results

Similar Description - MMAD130

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MAD1104 MICROSEMI-MAD1104_05 Datasheet
72Kb / 2P
Switching Diode Array Steering Diode TVS Array
MAD1103 MICROSEMI-MAD1103_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MAD1106 MICROSEMI-MAD1106_05 Datasheet
87Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MAD1107 MICROSEMI-MAD1107_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MAD1108 MICROSEMI-MAD1108_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MAD1109 MICROSEMI-MAD1109_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS Array
MMAD1103 MICROSEMI-MMAD1103_05 Datasheet
91Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MMAD1104 MICROSEMI-MMAD1104_05 Datasheet
104Kb / 2P
Switching Diode Array Steering Diode TVS Array
MMAD1108 MICROSEMI-MMAD1108_05 Datasheet
81Kb / 2P
Switching Diode Array Steering Diode TVS Array
MMAD1109 MICROSEMI-MMAD1109_05 Datasheet
105Kb / 2P
Switching Diode Array Steering Diode TVS Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com