Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMAD1107 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MMAD1107
Description  Switching Diode Array Steering Diode TVS Arrays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMAD1107 Datasheet(HTML) 1 Page - Microsemi Corporation

  MMAD1107 Datasheet HTML 1Page - Microsemi Corporation MMAD1107 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switching Diode Array
Steering Diode TVS Arrays™
S C O T TS DALE DIVISION
MMAD1107 and MMAD1107e3
DESCRIPTION
APPEARANCE
These low capacitance diode arrays are multiple, discrete, isolated
junctions fabricated by a planar process and mounted in a 14-PIN package
for use as steering diodes protecting up to eight I/O ports from ESD, EFT,
or surge by directing them either to the positive side of the power supply
line or to ground (see figure 1). An external TVS diode may be added
between the positive supply line and ground to prevent overvoltage on the
supply rail. They may also be used in fast switching core-driver
applications. This includes computers and peripheral equipment such as
magnetic cores, thin-film memories, plated-wire memories, etc., as well as
decoding or encoding applications. These arrays offer many advantages of
integrated circuits such as high-density packaging and improved reliability.
This is a result of fewer pick and place operations, smaller footprint, smaller
weight, and elimination of various discrete packages that may not be as
user friendly in PC board mounting.
Top Viewing Pin Layout
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
•
16 Diode Array / protects 8 lines
•
Molded 14-Pin SOIC Package
•
UL 94V-0 Flammability Classification
•
Low Capacitance 1.5 pF per diode
•
Switching speeds less than 5 ns
•
RoHS Compliant devices available by adding “e3” suffix
•
IEC 61000-4 compatible
61000-4-2 (ESD): Air 15kV, contact – 8 kV
61000-4-4 (EFT): 40A – 5/50 ns
61000-4-5 (surge): 12A, 8/20
µs
• Low capacitance steering diode protection for high
frequency data lines
• RS-232 & RS-422 Interface Networks
• Ethernet: 10 Base T
• Computer I / O Ports
• LAN
• Switching Core Drivers
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Operating Temperature: -55°C to +150°C
• Storage Temperature: -55°C to +150°C
• Forward Surge Current: 2 Amps (8.3 ms)
12 Amps (8/20
µs)
• Continuous Forward Current: 400 mA (one diode)
• Power Dissipation (P
D): 1500 mW (total)
• CASE: Void-free transfer molded thermosetting
epoxy body meeting UL94V-0 flammability
classification
• TERMINALS: Tin-Lead or RoHS Compliant
annealed matte-Tin plating solderable per MIL-STD-
750 method 2026
• MARKING: MSC logo, MMAD1107 or
MMAD1107e3 and date code. Pin #1 is to the left of
the dot or indent on top of package
• WEIGHT: 0.127 grams (approximate)
• Tape & Reel packaging: 2500 pcs (STANDARD)
• Carrier tube packaging: 55 pcs
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless otherwise specified
BREAKDOWN
VOLTAGE
VBR
@ IBR =100µA
V
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
V
LEAKAGE
CURRENT
IR
TA = 25°C
µA
LEAKAGE
CURRENT
IR
TA = 150°C
µA
CAPACITANCE
C
@ 0 V
pF
REVERSE
RECOVERY
TIME
trr
ns
FORWARD
VOLTAGE
VF
IF = 10 mA
V
FORWARD
VOLTAGE
VF
IF = 100 mA
V
PART
NUMBER
MIN
MAX
MAX
@VR
MAX
@VR
TYP
MAX
MAX
MAX
MMAD1107
MMAD1107e3
90
75
0.200
20
300
20
1.5
5.0
1.00
1.20
Microsemi
Scottsdale Division
Page 1
Copyright
© 2005
6-28-2005 REV K
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - MMAD1107

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MMAD1107 MICROSEMI-MMAD1107 Datasheet
58Kb / 1P
Switching Diode Array
logo
Protek Devices
MMAD1107 PROTEC-MMAD1107 Datasheet
887Kb / 6P
ultra low capacitance multi-line steering diode array
MMAD1107 PROTEC-MMAD1107 Datasheet
889Kb / 6P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
More results

Similar Description - MMAD1107

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MAD1104 MICROSEMI-MAD1104_05 Datasheet
72Kb / 2P
Switching Diode Array Steering Diode TVS Array
MAD1103 MICROSEMI-MAD1103_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MAD1107 MICROSEMI-MAD1107_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MAD1108 MICROSEMI-MAD1108_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MAD1109 MICROSEMI-MAD1109_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS Array
MMAD130 MICROSEMI-MMAD130_02 Datasheet
59Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MMAD1104 MICROSEMI-MMAD1104_05 Datasheet
104Kb / 2P
Switching Diode Array Steering Diode TVS Array
MMAD1106 MICROSEMI-MMAD1106_05 Datasheet
79Kb / 2P
Switching Diode Array Steering Diode TVS Array
MMAD1108 MICROSEMI-MMAD1108_05 Datasheet
81Kb / 2P
Switching Diode Array Steering Diode TVS Array
MMAD1109 MICROSEMI-MMAD1109_05 Datasheet
105Kb / 2P
Switching Diode Array Steering Diode TVS Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com