Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMAD1108 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MMAD1108
Description  Switching Diode Array Steering Diode TVS Array
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MMAD1108 Datasheet(HTML) 1 Page - Microsemi Corporation

  MMAD1108 Datasheet HTML 1Page - Microsemi Corporation MMAD1108 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switching Diode Array Steering Diode
TVS Array™
S C O T TS DALE DIVISION
MMAD1108 and MMAD1108e3
DESCRIPTION
APPEARANCE
These low capacitance diode arrays are multiple, discrete, isolated
junctions fabricated by a planar process and mounted in a 16-PIN package
for use as steering diodes protecting up to eight I/O ports from ESD, EFT,
or surge by directing them either to the positive side of the power supply
line or to ground (see figure 1). An external TVS diode may be added
between the positive supply line and ground to prevent overvoltage on the
supply rail. They may also be used in fast switching core-driver
applications. This includes computers and peripheral equipment such as
magnetic cores, thin-film memories, plated-wire memories, etc., as well as
decoding or encoding applications. These arrays offer many advantages of
integrated circuits such as high-density packaging and improved reliability.
This is a result of fewer pick and place operations, smaller footprint, smaller
weight, and elimination of various discrete packages that may not be as
user friendly in PC board mounting. They are available with either Tin-Lead
plating terminations or as RoHS Compliant with annealed matte-Tin finish
by adding an “e3” suffix to the part number.
Top Viewing Pin Layout
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
Microsemi
Scottsdale Division
Page 1
Copyright
© 2005
6-28-2005 REV L
FEATURES
APPLICATIONS / BENEFITS
•
8 Diode Array / protects 8 lines
• Low capacitance steering diode protection for high
frequency data lines
•
Molded 16-Pin Dual-In-Line Package
• RS-232 & RS-422 Interface Networks
•
UL 94V-0 Flammability Classification
• Ethernet: 10 Base T
•
Low Capacitance 1.5 pF per diode
• Computer I / O Ports
•
Switching speeds less than 5 ns
• LAN
•
RoHS Compliant devices available by adding “e3” suffix
• Switching Core Drivers
•
IEC 61000-4 compatible
61000-4-2 (ESD): Air 15kV, contact – 8 kV
61000-4-4 (EFT): 40A – 5/50 ns
61000-4-5 (surge): 12A, 8/20
µs
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• CASE: Void-free transfer molded thermosetting
epoxy body meeting UL94V-0 flammability
classification
• Operating Temperature: -55°C to +150°C
• Storage Temperature: -55°C to +150°C
• Forward Surge Current: 2 Amps (8.3 ms)
• TERMINALS: Tin-Lead or RoHS Compliant
annealed matte-Tin plating solderable per MIL-STD-
750 method 2026
12 Amps (8/20
µs)
• Continuous Forward Current: 400 mA (one diode)
•
Power Dissipation (PD): 1500 mW (total)
• MARKING: MSC logo, MMAD1108 or
MMAD1108e3 and date code. Pin #1 is to the left of
the dot or indent on top of package
• Solder Temperature: 260°C for 10 s (maximum)
• WEIGHT: 0.127 grams (approximate)
• Tape & Reel packaging: 2500 pcs (STANDARD)
• Carrier tube packaging: 48 pcs
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless otherwise specified
REVERSE
RECOVERY
WORKING
LEAKAGE
CAPACITANCE
FORWARD
FORWARD
LEAKAGE
BREAKDOWN
PEAK
CURRENT
VOLTAGE
VOLTAGE
CURRENT
VOLTAGE
TIME
REVERSE
I
C
V
V
I
VBR
R
R
F
F
t
VOLTAGE
@ 0 V
@ IBR =100µA
T = 25°C
T = 150°C
I = 10 mA
I = 100 mA
V
VRWM
V
A
µA
A
µA
pF
rr
ns
F
V
F
V
PART
NUMBER
MAX
@V
TYP
MAX
MAX
MAX
MIN
MAX
MAX
@VR
R
MMAD1108
90
75
0.200
20
300
20
1.5
5.0
1.00
1.20
MMAD1108e3
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - MMAD1108

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MMAD1108 MICROSEMI-MMAD1108 Datasheet
77Kb / 1P
Switching Diode Array
logo
Protek Devices
MMAD1108 PROTEC-MMAD1108 Datasheet
104Kb / 3P
STEERING DIODE ARRAY
MMAD1108 PROTEC-MMAD1108 Datasheet
67Kb / 3P
STEERING DIODE ARRAY
MMAD1108 PROTEC-MMAD1108 Datasheet
480Kb / 5P
ultra low capacitance multi-line steering diode array
MMAD1108 PROTEC-MMAD1108_07 Datasheet
67Kb / 3P
STEERING DIODE ARRAY
More results

Similar Description - MMAD1108

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MAD1104 MICROSEMI-MAD1104_05 Datasheet
72Kb / 2P
Switching Diode Array Steering Diode TVS Array
MAD1103 MICROSEMI-MAD1103_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MAD1107 MICROSEMI-MAD1107_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MAD1108 MICROSEMI-MAD1108_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MAD1109 MICROSEMI-MAD1109_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS Array
MMAD130 MICROSEMI-MMAD130_02 Datasheet
59Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MMAD1103 MICROSEMI-MMAD1103_05 Datasheet
91Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MMAD1104 MICROSEMI-MMAD1104_05 Datasheet
104Kb / 2P
Switching Diode Array Steering Diode TVS Array
MMAD1106 MICROSEMI-MMAD1106_05 Datasheet
79Kb / 2P
Switching Diode Array Steering Diode TVS Array
MMAD1109 MICROSEMI-MMAD1109_05 Datasheet
105Kb / 2P
Switching Diode Array Steering Diode TVS Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com