Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPA201 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MPA201
Description  0.5 Watts, 12.5 Volts, Class A Linear to 500MHz Hybrid Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MPA201 Datasheet(HTML) 2 Page - Microsemi Corporation

  MPA201 Datasheet HTML 1Page - Microsemi Corporation MPA201 Datasheet HTML 2Page - Microsemi Corporation MPA201 Datasheet HTML 3Page - Microsemi Corporation MPA201 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
MPA201
ELECTRICAL CHARACTERISTICS OF SINGLE DIE
2 @ 25
°°°°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BVEBO
Emitter to Base Breakdown
IE = 1 mA
3.5
-
-
V
BVCES
Collector to Emitter Breakdown
IC = 10 mA
50
-
-
V
BVCEO
Collector to Emitter Breakdown
IC = 10 mA
22
-
-
V
hFE
DC – Current Gain
IC = 100 mA, VCE = 5 V
20
-
-
-
COB
Output Capacitance
F = 1MHz, VCB = 28V
-
2.0
3.0
pF
NOTES: 2. Electrical characteristics are valid only with the single die inside of MPA201, the final unit is not capable of being tested.
Internal Schematic of MPA201



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com