Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5661 Datasheet(PDF) 4 Page - Seme LAB

Part # IP5661
Description  SWITCHED.MODE POWER SUPPLY CONTROL CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP5661 Datasheet(HTML) 4 Page - Seme LAB

  IP5661 Datasheet HTML 1Page - Seme LAB IP5661 Datasheet HTML 2Page - Seme LAB IP5661 Datasheet HTML 3Page - Seme LAB IP5661 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R2
δ
max = f
VZ + VBE Q1
R1+R2
()
LAB
SEME
IP5661C
IP5561C
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 4/95
TYPICAL PERFORMANCE CHARACTERISTICS — ERROR AMPLIFIER
Power Derating Curve
Slow Start Voltage
Typical Frequency Plot vs RT and CT
Start-up Circuit (Optional)
T
AMBIENT TEMPERATURE (˚C)
A
25
50
75
100
125
150
0.00
0.25
0.50
0.75
1.00
t = R'C
PIN4
V
t
1
10
100
200
TIMING CAPACITANCE
(nF)
2
2.5
3
3.5
4
4.5
R = 5kΩ
R = 10kΩ
R = 20kΩ
R = 40kΩ
5
1.5
50
5
PD =VCC ICC + ( VCC – VZ ) IZ
+ ( Vpin7 Ipin7 x δ )
2
R
1
R
C
1
Q
Z
V
4
2
IP5561
1
V
5
2
T
C
T
R
IP5561



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com