Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2209 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS2209
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS2209 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS2209 Datasheet HTML 1Page - Microsemi Corporation MS2209 Datasheet HTML 2Page - Microsemi Corporation MS2209 Datasheet HTML 3Page - Microsemi Corporation MS2209 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MS2209
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Visit our web site at www.microsemi.com or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25°C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 40mA
IE = 0mA
65
---
---
V
BVEBO
IE = 10mA
IC=0mA
3.0
---
---
V
BVCER
IC= 40mA
RBE = 10Ω
65
---
---
V
ICBO
VCB= 35 V
------
---
12
mA
hFE
VCE = 5 V
IC = 2A
20
---
120
---
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 960-1215MHz
VCC = 50V
PIN = 13W
90
100
---
W
GP
f = 960-1215MHz
VCC = 50V
PIN = 13W
8.4
---
---
dB
η
C
f = 960-1215MHz
VCC = 50V
PIN = 13W
38
44
---
%
VSWR
f = 960MHz
VCC = 50V
PIN = 13W
10:1
Pulse Width = 10
µs
Duty Cycle = 10%
IMPEDANCE DATA
Freq
Zin (Ω)
Zcl (Ω)
960
5+j9.0
10.2-j8.8
1025
6+j8.0
9.5-j7.6
1090
6.8+j7.2
9.0-j6.2
1150
6.3+j7.0
8.4-j5.0
1215
5.8+j7.8
7.0-j3.7
Vcc=50v
Pout=90w



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com