Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSiCSX05120 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MSiCSX05120
Description  SILICON CARBIDE SCHOTTKY POWER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSiCSX05120 Datasheet(HTML) 1 Page - Microsemi Corporation

  MSiCSX05120 Datasheet HTML 1Page - Microsemi Corporation MSiCSX05120 Datasheet HTML 2Page - Microsemi Corporation MSiCSX05120 Datasheet HTML 3Page - Microsemi Corporation MSiCSX05120 Datasheet HTML 4Page - Microsemi Corporation MSiCSX05120 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
SILICON CARBIDE
SCHOTTKY POWER RECTIFIER
T4-LDS-0104 Rev. 2 (110340)
Page 1 of 5
DEVICES
MSiCSN05120
MSiCSS05120
MSiCST05120
5A / 1200V
MSiCSX05120
Silicon Carbide
Schottky Rectifier
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRWM
1200
V
Surge Peak Reverse Voltage
VRSM
1200
V
DC Blocking Voltage
VDC
1200
V
Average Forward Current, 25°C
Io
5
Apk
Peak Surge Forward Current @ tp = 8.3ms, half
sinewave, Io = 0; VRM = 0
IFSM
30
Apk
Thermal Resistance, Junction to Case
Rθjc
°C/W
Thermal Resistance, Junction to Ambient
Rθja
°C/W
Operating Junction Temperature
Tj
-65°C to +225
°C
Storage Temperature
Tstg
-65°C to +225
°C
Note 1: Derate linearly @ tbd
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Forward Voltage
IF = 1A, Tj = 25°C*
IF = 2.5A, Tj = 25°C*
IF = 5.0A, Tj = 25°C*
VF
1.2
1.6
1.8
V
Reverse Current
VR = 1200V, Tj = 25°C
VR = 1200V, Tj = 175°C
IR
50
100
µA
Junction Capacitance
VR = 0V
f = 1MHz
Cj
500
pF
* Pulse test: Pulse width 300 µsec, Duty cycle 2%
MSiCST05120
TO-39
MSiCSN05120
TO-257
MSiCSS05120
U-4
(SURFACE MOUNT: SMD.22)
MSiCSX05120
TO-257 (Tabless)


Similar Part No. - MSiCSX05120

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSiCSE50120CA MICROSEMI-MSiCSE50120CA Datasheet
64Kb / 2P
SILICON CARBIDE DUAL SCHOTTKY POWER RECTIFIER
MSICSE50120CC MICROSEMI-MSICSE50120CC Datasheet
64Kb / 2P
SILICON CARBIDE DUAL SCHOTTKY POWER RECTIFIER
MSiCSE50120D MICROSEMI-MSiCSE50120D Datasheet
64Kb / 2P
SILICON CARBIDE DUAL SCHOTTKY POWER RECTIFIER
MSiCSN05120CA MICROSEMI-MSiCSN05120CA Datasheet
67Kb / 3P
SILICON CARBIDE DUAL SCHOTTKY POWER RECTIFIER
MSICSN05120CC MICROSEMI-MSICSN05120CC Datasheet
67Kb / 3P
SILICON CARBIDE DUAL SCHOTTKY POWER RECTIFIER
More results

Similar Description - MSiCSX05120

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR05C60 SSDI-SSR05C60_1 Datasheet
75Kb / 2P
SILICON CARBIDE SCHOTTKY RECTIFIER
logo
Microsemi Corporation
MSICSE50120CC MICROSEMI-MSICSE50120CC Datasheet
64Kb / 2P
SILICON CARBIDE DUAL SCHOTTKY POWER RECTIFIER
MSICSN05120CC MICROSEMI-MSICSN05120CC Datasheet
67Kb / 3P
SILICON CARBIDE DUAL SCHOTTKY POWER RECTIFIER
MSICSN10060 MICROSEMI-MSICSN10060 Datasheet
175Kb / 4P
SILICON CARBIDE SCHOTTKY POWER RECTIFIER
MSICSN10120 MICROSEMI-MSICSN10120 Datasheet
175Kb / 4P
SILICON CARBIDE SCHOTTKY POWER RECTIFIER
MSICSN10120CC MICROSEMI-MSICSN10120CC Datasheet
69Kb / 3P
SILICON CARBIDE DUAL SCHOTTKY POWER RECTIFIER
logo
Seme LAB
SML020DH12 SEME-LAB-SML020DH12 Datasheet
82Kb / 2P
SILICON CARBIDE POWER SCHOTTKY RECTIFIER DIODE
logo
Solid States Devices, I...
SH0067B SSDI-SH0067B Datasheet
116Kb / 2P
Schottky Silicon Carbide Rectifier
RS0016K SSDI-RS0016K_15 Datasheet
75Kb / 2P
SILICON CARBIDE SCHOTTKY RECTIFIER
SH0030G SSDI-SH0030G_15 Datasheet
118Kb / 2P
Schottky Silicon Carbide Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com