Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSiCSS10060CC Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MSiCSS10060CC
Description  10A / 600V Silicon Carbide Dual Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSiCSS10060CC Datasheet(HTML) 3 Page - Microsemi Corporation

  MSiCSS10060CC Datasheet HTML 1Page - Microsemi Corporation MSiCSS10060CC Datasheet HTML 2Page - Microsemi Corporation MSiCSS10060CC Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PRELIMINARY
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0106 Rev. 1 (091991)
Page 3 of 3
SCHEMATIC
FIGURE 2 – Physical dimensions, surface mount U3 (SMD.5)
NOTE:
Dimensions
1. Dimensions are in inches.
Ltr
Inches
Millimeters
2. Millimeters are given for general information only.
Min
Max
Min
Max
3. In accordance with ASME Y14.5M, diameters are
BL
.395
.405
10.04
10.28
equivalent to
φx symbology.
BW
.291
.301
7.40
7.64
CH
.1085
.1205
2.76
3.06
LH
.010
.020
0.25
0.51
LW1
.281
.291
7.14
7.41
LW2
.090
.100
2.29
2.54
LL1
.220
.230
5.59
5.84
LL2
.115
.125
2.93
3.17
LS1
.150 BSC
3.81 BSC
LS2
.075 BSC
1.91 BSC
Q1
.030
0.762
Q2
.030
0.762
1
2
3
1
2
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com