Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3U7805-B Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # S3U7805-B
Description  Positive Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

S3U7805-B Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  S3U7805-B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S3U7805-B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH S3U7805-B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH S3U7805-B Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH S3U7805-B Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH S3U7805-B Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Elektronische Bauelemente
S3U78xx-B Series
3-Terminal
Positive Voltage Regulator
17-Dec.-2010 Rev. B
Page 2 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
S3U7805-B ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=500mA, VIN=10V, CIN=0.33F, CO=0.1F unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VO
B-Rank (5%)
VIN=10V, IO=500mA,Tj=25°C
7.5V≦VIN≦20V, 5mA≦IO≦1A, PD≦15W
4.75
5.0
5.25
V
7V≦VIN≦25V, IO=500mA, Tj=25°C
-
3
50
V
O(Line Regulation)
8V≦VIN≦12V, IO=500mA, Tj=25°C
-
1
25
mV
VIN=10V, 5mA≦IO≦1A, Tj=25°C
-
-
100
V
O(Load Regulation)
VIN=10V, 250mA≦IO≦750mA, Tj=25°C
-
-
50
mV
IQ
VIN=10V, IO=500mA,Tj=25°C
-
-
8.0
mA
VIN=10V, 5mA≦IO≦1A
-
-
0.5
I
Q
7V≦VIN≦25V, IO=500mA
-
-
1.3
mA
VN
10Hz≦f≦100KHz, Tj=25°C
-
40
-
uV
RR
8V≦VIN≦18V, f=120Hz, Tj=25°C
-
80
-
dB
VD
Io=1A, Tj=25°C
-
2
-
V
ISC
VIN=35V, Tj=25°C
-
250
-
mA
IPK
Tj=25°C
-
1.8
-
A
V
O/Tj
IO=5mA, 0°C≦Tj≦125°C
-
-0.6
-
mV/°C
S3U7806-B ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=500mA, VIN=11V, CIN=0.33F, CO=0.1F unless otherwise specified)
Symbol
Test Conditions
Min
Typ
Max
Unit
VO
B-Rank (5%)
VIN=11V, IO=500mA,Tj=25°C
8V≦VIN≦21V, 5mA≦IO≦1A, PD≦15W
5.7
6.0
6.3
V
8V≦VIN≦25V, IO=500mA, Tj=25°C
-
3
60
V
O(Line Regulation)
9V≦VIN≦13V, IO=500mA, Tj=25°C
-
1
25
mV
VIN=11V, 5mA≦IO≦1A, Tj=25°C
-
-
100
V
O(Load Regulation)
VIN=11V, 250mA≦IO≦750mA, Tj=25°C
-
-
50
mV
IQ
VIN=11V, IO=500mA,Tj=25°C
-
-
8
mA
VIN=11V, 5mA≦IO≦1A
-
-
0.5
I
Q
8V≦VIN≦25V, IO=500mA
-
-
1.3
mA
VN
10Hz≦f≦100KHz, Tj=25°C
-
45
-
uV
RR
9V≦VIN≦19V, f=120Hz, Tj=25°C
-
75
-
dB
VD
Io=1A, Tj=25°C
-
2
-
V
ISC
VIN=35V, Tj=25°C
-
250
-
mA
IPK
Tj=25°C
-
1.8
-
mA
V
O/Tj
IO=5mA, 0°C≦Tj≦125°C
-
-0.7
-
mV/°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com