Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD67112AM Datasheet(PDF) 5 Page - Microsemi Corporation

Part # PD67112AM
Description  24-Channel PoE AF and AT DIMM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD67112AM Datasheet(HTML) 5 Page - Microsemi Corporation

  PD67112AM Datasheet HTML 1Page - Microsemi Corporation PD67112AM Datasheet HTML 2Page - Microsemi Corporation PD67112AM Datasheet HTML 3Page - Microsemi Corporation PD67112AM Datasheet HTML 4Page - Microsemi Corporation PD67112AM Datasheet HTML 5Page - Microsemi Corporation PD67112AM Datasheet HTML 6Page - Microsemi Corporation PD67112AM Datasheet HTML 7Page - Microsemi Corporation PD67112AM Datasheet HTML 8Page - Microsemi Corporation PD67112AM Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PD671xxx - 8 / 12 / 24-Channel PoE AF and AT DIMM
Data Sheet (Non-confidential)
Copyright © 2009
Microsemi
Page 5
Rev. 1.0 / 17-March-10
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
Electrical Characteristics _________________________________
The following sections detail the DC and analog characteristics.
DC Characteristics for Digital Inputs and Outputs
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
R EMARK S
Pin Name
SCL, xDisable_Ports, Rx (without internal pull-up/pull-down resistor)
Type
Schmitt Trigger CMOS input, TTL level
High level input voltage
VIH
2.0
V
Low level input voltage
VIL
0.8
V
Input voltage hysteresis
0.3
V
Input high current
IIH
-1
+1
μA
Input low current
IIL
-1
+1
μA
Pin Name
MOSI, MISO, CS, Tx (without internal pull-up/down resistor)
SCK (with internal resistor)
Type
CMOS I/O, TTL level
High level input voltage
VIH
2.0
V
Low level input voltage
VIL
0.8
V
Input voltage hysteresis
0.3
V
Input high current
IIH
-1
+1
μA
Input low current
IIL
-1
+1
μA
High level output voltage
VPERI-0.4V
V
Iout = 3 mA
Low level output voltage
0.4
V
Iout = 3 mA
Tri state output current
-1
+1
μA
Pin Name
xAsic_Reset (with internal resistor)
SDA (without internal resistor)
Type
CMOS open drain output with Schmitt Trigger input, TTL level
High level input voltage
VIH
2.0
V
Low level output voltage
VOH
0.4
V
Iout = 3mA
Low level input voltage
VIL
0.8
V
Input voltage hysteresis
0.3
V
OFF state output current
-1
+1
μA
Electrical Characteristics for Analog I/O Pads
PARAMETER
MIN
MAX
UNIT
R EMARK S
Pin Name
VPORT_POSx
Operating voltage
44
62
V
Pin current consumption
-5
+10
μA
Port driver, Vport measurement and AC generator are
off
Pin Name
VPORT_NEGx
Operating voltage
0
Vmain
V
Pin current consumption
-5
+10
μA
Port driver, Vport measurement and AC generator are off
Pin Name
Vmain
Operating voltage – AF mode
40
57
V
Recommended Range 48v to 55v
Operating voltage – AT mode
50
57
V
Recommended Range 51v to 55v
Vmain current consumption
40
mA
Total on Vmain
Pin Name
3_3Vout
Voltage
3.13
3.46
V
6
mA
Without external NPN (see Q1 in Figure 8)
Output current
30
mA
When using external NPN for VPERI (see Q1 in Figure 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com