Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD67108AM Datasheet(PDF) 3 Page - Microsemi Corporation

Part # PD67108AM
Description  24-Channel PoE AF and AT DIMM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD67108AM Datasheet(HTML) 3 Page - Microsemi Corporation

  PD67108AM Datasheet HTML 1Page - Microsemi Corporation PD67108AM Datasheet HTML 2Page - Microsemi Corporation PD67108AM Datasheet HTML 3Page - Microsemi Corporation PD67108AM Datasheet HTML 4Page - Microsemi Corporation PD67108AM Datasheet HTML 5Page - Microsemi Corporation PD67108AM Datasheet HTML 6Page - Microsemi Corporation PD67108AM Datasheet HTML 7Page - Microsemi Corporation PD67108AM Datasheet HTML 8Page - Microsemi Corporation PD67108AM Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PD671xxx - 8 / 12 / 24-Channel PoE AF and AT DIMM
Data Sheet (Non-confidential)
Copyright © 2009
Microsemi
Page 3
Rev. 1.0 / 17-March-10
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
ABSOLUT E MAXIMUM RATINGS
Vmain
-0.3 to 80 VDC
(1)
DGND, AGND, QGND
-0.3 to 0.3 VDC
(2)
VPORT_POSx, VPORT_NEGx
-0.3 to 80 VDC
(1)
3
_
3 Vout
3.8 VDC
EXT_REG
-0.3 to 6 VDC
I
2C_Addr_M.
-0.3 to (3_3Vout + 0.3 VDC)
MISO, MOSI, SCK, CS, SCL, SDA, SSn, Led_Cs, Asic_Reset
-0.3 to (3_3Vout + 0.3 VDC)
ESD (Human Body Model)
± 2 kV
(3)
Storage temperature
-40° to +125° C
Notes
: “x” defines port numbers, 0 to 11, inclusive.
(1) 80 VDC is the transient voltage that can be applied for up to one minute.
(2) Maximum voltage value between grounds.
(3) ESD Human Body Model is: (CZap = 100 pF, RZap = 1500 Ω).
Stresses beyond those listed above can cause permanent damage to the device. Exposure to absolute maximum rating
conditions for extended periods could affect device reliability.
CAL C U L A TED MTB F DAT A
[1]
Operation mode
Failures per 10^6 Hours
MTBF(Hours)
PD67124M @ 25°C Ambient
IEEE 802.3AT-2009
0.5181
1930000
PD67124M @ 25°C Ambient
IEEE802.3AF-2003
0.5128
1950000
Notes
:
[1] – MTBF calculation made for the worst case PoE DIMM populated with 24 fully loaded ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com